Electronic Components Datasheet Search
  English  ▼

X  

TLK1221 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1221
Description  ETHERNET TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1221 Datasheet(HTML) 3 Page - Texas Instruments

  TLK1221 Datasheet HTML 1Page - Texas Instruments TLK1221 Datasheet HTML 2Page - Texas Instruments TLK1221 Datasheet HTML 3Page - Texas Instruments TLK1221 Datasheet HTML 4Page - Texas Instruments TLK1221 Datasheet HTML 5Page - Texas Instruments TLK1221 Datasheet HTML 6Page - Texas Instruments TLK1221 Datasheet HTML 7Page - Texas Instruments TLK1221 Datasheet HTML 8Page - Texas Instruments TLK1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
Detailed Description
Transmission Latency
10-BitCode
TXP,TXN
REFCLK
td(Tx latency)
10-BitCode
b9
TD(0–9)
Data Reception
Receiver Clock Select Mode
TLK1221
SLLS713 – FEBRUARY 2007
In the TBI mode, the transmitter portion registers incoming 10-bit-wide data words (8b/10b encoded data,
TD0–TD9) on the rising edge of REFCLK. REFCLK is also used by the serializer, which multiplies the clock by a
factor of 10, providing a signal that is fed to the shift register. The 8b/10b encoded data is transmitted
sequentially, bits 0 through 9, over the differential high-speed I/O channel.
Data transmission latency is defined as the delay from the initial 10-bit word load to the serial transmission of
bit 9. The minimum latency in TBI mode is 19 bit times. The maximum latency in TBI mode is 20 bit times.
Figure 1. Transmitter Latency, Full-Rate Mode
The receiver section deserializes the differential serial data. The serial data is retimed based on an interpolated
clock generated from the reference clock. The serial data is then aligned to the 10-bit word boundaries and
presented to the protocol controller along with the receive byte clocks (RBC0, RBC1).
The TLK1221 only supports TBI-mode operation with half-rate and full-rate clocks on RBC0 and RBC1. In TBI
mode, there are two user-selectable clock modes that are controlled by the RBCMODE terminal: 1) full-rate
clock on RBC0 and 2) half-rate clocks on RBC0 and RBC1.
Table 1. Mode Selection
RECEIVE BYTE CLOCK
RBCMODE
MODE
TLK1221
0
TBI half-rate
30–65 MHz
1
TBI full-rate
60–130 MHz
In the half-rate mode, two receive byte clocks (RBC0 and RBC1) are 180 degrees out of phase and operate at
one-half the data rate. The clocks are generated by dividing down the recovered clock. The received data is
output with respect to the two receive byte clocks (RBC0, RBC1), allowing a protocol device to clock the parallel
bytes using the RBC0 and RBC1 rising edges. For the outputs to the protocol device, byte 0 of the received data
is valid on the rising edge of RBC1. Refer to the timing diagram shown in Figure 2.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com