Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4649
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 4Page - Analog Devices LTM4649 Datasheet HTML 5Page - Analog Devices LTM4649 Datasheet HTML 6Page - Analog Devices LTM4649 Datasheet HTML 7Page - Analog Devices LTM4649 Datasheet HTML 8Page - Analog Devices LTM4649 Datasheet HTML 9Page - Analog Devices LTM4649 Datasheet HTML 10Page - Analog Devices LTM4649 Datasheet HTML 11Page - Analog Devices LTM4649 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTM4638
8
Rev. C
For more information www.analog.com
RUN (B4): Run Control Input Pin. Enable regulator opera-
tion by tying the specific RUN pin above 1.25V. Tying it
below 1.1V shuts down the specific regulator channel.
TSENSE+ (A6): Temperature Monitor Pin. An internal diode
connected NPN transistor is placed between TSENSE+ and
TSENSE– pins. See the Applications Information section.
GND (B2, B6, C3-C7, D5-D7, E5-E7, F5-F7, G6-G7):
Power Ground Pins for Both Input and Output Returns.
Use large PCB copper areas to connect all GND together.
PIN FUNCTIONS
PGOOD (B5): Output Power Good Pin with Open-Drain
Logic. PGOOD is pulled to ground when the voltage on
the FB pin is not within ±8% of the internal 0.6V reference.
TSENSE–(A7):LowSideoftheInternalTemperatureMonitor.
SW (B7): Switching node of each channel that is used
for testing purposes. Also an R-C snubber network can
be applied to reduce or eliminate switch node ringing, or
otherwise leave floating. See the Applications Information
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com