Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4649
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 19Page - Analog Devices LTM4649 Datasheet HTML 20Page - Analog Devices LTM4649 Datasheet HTML 21Page - Analog Devices LTM4649 Datasheet HTML 22Page - Analog Devices LTM4649 Datasheet HTML 23Page - Analog Devices LTM4649 Datasheet HTML 24Page - Analog Devices LTM4649 Datasheet HTML 25Page - Analog Devices LTM4649 Datasheet HTML 26Page - Analog Devices LTM4649 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTM4638
23
Rev. C
For more information www.analog.com
lowering output current or power with increasing ambient
temperature. The decreased output current will decrease
the internal module loss as ambient temperature is in-
creased. The monitored junction temperature of 120°C
minus the ambient operating temperature specifies how
much module temperature rise can be allowed. As an
example, in Figure 16 the load current is derated to ~8A
at ~92°C with no air flow or heat sink and the power loss
for the 12V to 1.5V at 8A output is about 1.8W. The 8W
loss is calculated with the ~1.5W room temperature loss
from the 12V to 1.5V power loss curve at 8A, and the 1.2
multiplying factor at 120°C junction temperature. If the
APPLICATIONS INFORMATION
Table 7. Output Voltage Response vs Component Matrix (Refer to Figure 23)
COUT1 VENDORS PART NUMBER
DESCRIPTION
COUT2
VENDORS
PART NUMBER DESCRIPTION
Murata
GRM186R60J226ME
22µF, 6.3V, X5R,
0603
PANASONIC EEF-GX0E471L 470µF, 2.5V, 3mΩ
TDK
C1608X5R0J226M080AC 22µF, 6.3V, X5R,
0603
Murata
GRM31CR60J107ME
100µF, 6.3V,
X5R, 1206
Taiyo Yuden
JMK316BJ107ML
100µF, 6.3V,
X5R, 1206
TDK
C3216X5R0J107M160AB 100µF, 6.3V,
X5R, 1206
All Ceramic Output Capacitors
VOUTn
(V)
VINn
(V)
RFB
(kΩ)
fSW
(kHz)
COUT1
(CERAMIC CAP)
COUT2
(BULK CAP)
COMPa
(pF)
RTH
on
COMPa
(kΩ)
CTH
on
COMPa
(pF)
LOAD
STEP
(A)
PK-PK
DEVIATION
(mV)
RECOVERY
TIME
(µs)
1
5
90.9
600
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
85
40
1
12
90.9
600
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
94.4
40
1.5
5
40.2
600
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
106.4
40
1.5
12
40.2
800
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
109.1
40
2.5
5
19.1
800
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
165.4
40
2.5
12
19.1
1000
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
171
40
3.3
5
13.3
800
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
218
40
3.3
12
13.3
1000
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
218
40
5
12
8.25
1500
22µF + 3x100µF
None
Short to
COMPb
None
None
3.75
328
40
92°C ambient temperature is subtracted from the 120°C
junction temperature, then the difference of 28°C divided
by 18W equals a 15.5°C/W θJA thermal resistance. Table 3
specifiesa15°C/Wvaluewhichisveryclose.Table4,Table5
and Table 6 provide equivalent thermal resistances for
1.5V 3.3V and 5V outputs with and without airflow and
heat sinking. The derived thermal resistances in Table 3,
Table 4, Table 5 and Table 6 for the various conditions can
be multiplied by the calculated power loss as a function
of ambient temperature to derive temperature rise above
ambient, thus maximum junction temperature. Room
temperature power loss can be derived from the efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com