Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4649
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 9Page - Analog Devices LTM4649 Datasheet HTML 10Page - Analog Devices LTM4649 Datasheet HTML 11Page - Analog Devices LTM4649 Datasheet HTML 12Page - Analog Devices LTM4649 Datasheet HTML 13Page - Analog Devices LTM4649 Datasheet HTML 14Page - Analog Devices LTM4649 Datasheet HTML 15Page - Analog Devices LTM4649 Datasheet HTML 16Page - Analog Devices LTM4649 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTM4638
13
Rev. C
For more information www.analog.com
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output ca-
pacitors. The RMS input ripple current is reduced by, and
the effective ripple frequency is multiplied by, the number
of phases used (assuming that the input voltage is greater
than the number of phases used times the output voltage).
The output ripple amplitude is also reduced by the number
of phases used when all of the outputs are tied together
to achieve a single high output current design.
The LTM4638 device is an inherently current mode con-
trolled device, so parallel modules will have very good
current sharing. This will balance the thermals on the
design. Please tie the RUN, TRACK/SS, FB and COMPa
pins of each paralleling channel together. Figure 25 shows
an example of parallel operation and pin connection.
APPLICATIONS INFORMATION
Figure 3. 4-Phase, 6-Phase Operation
Figure 4. RMS Input Ripple Current to DC Load Current Ratio as a Function of Duty Cycle
4638 F03
CLKIN
PHMODE
CLKOUT
0
90
180
270
+90
+90
+90
PHASE 4
PHASE 3
PHASE 2
PHASE 1
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
120
240
(420)
60
180
+120
+180
+120
PHASE 4
INTVCC
INTVCC
PHASE 2
PHASE 5
PHASE 3
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
300
+120
PHASE 6
CLKIN
PHMODE
CLKOUT
0
PHASE 1
CLKIN
PHMODE
CLKOUT
+120
0.75 0.8
4638 F04
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY CYCLE (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1 PHASE
2 PHASE
3 PHASE
4 PHASE
6 PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com