Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4649
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 5Page - Analog Devices LTM4649 Datasheet HTML 6Page - Analog Devices LTM4649 Datasheet HTML 7Page - Analog Devices LTM4649 Datasheet HTML 8Page - Analog Devices LTM4649 Datasheet HTML 9Page - Analog Devices LTM4649 Datasheet HTML 10Page - Analog Devices LTM4649 Datasheet HTML 11Page - Analog Devices LTM4649 Datasheet HTML 12Page - Analog Devices LTM4649 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTM4638
9
Rev. C
For more information www.analog.com
BLOCK DIAGRAM
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 15A
22
44
µF
COUT
External Output Capacitor Requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 15A
220*
470*
µF
*Additional capacitance may be required under extreme temperature and/or capacitor bias voltage conditions due to variation of actual capacitance over bias voltage and temperature.
Figure 1. Simplified LTM4638 Block Diagram
POWER CONTROL
2.2µF
0.1µF
0.1µF
CIN
22µF
25V
INTVCC
TRACK/SS
RUN
VIN
MODE/CLKIN
CLKOUT
PHMODE
COMPa
COMPb
1µF
VOUT
VOSNS–
VOSNS+
FB
VIN
10k
PGOOD
VOUT
1.5V
15A
RFB
40.2k
60.4k
VIN
3.1V TO 20V
INTVCC
GND
0.24µH
4638 BD
FREQ
274k
INTERNAL
COMP
GND
INTERNAL
FILTER
COUT
100µF
×3
6.3V
+
–
DIFF
AMP
TSENSE–
TSENSE+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com