Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4649
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 12Page - Analog Devices LTM4649 Datasheet HTML 13Page - Analog Devices LTM4649 Datasheet HTML 14Page - Analog Devices LTM4649 Datasheet HTML 15Page - Analog Devices LTM4649 Datasheet HTML 16Page - Analog Devices LTM4649 Datasheet HTML 17Page - Analog Devices LTM4649 Datasheet HTML 18Page - Analog Devices LTM4649 Datasheet HTML 19Page - Analog Devices LTM4649 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTM4638
16
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Pre-Biased Output Start-Up
There may be situations that require the power supply to
start up with some charge on the output capacitors. The
LTM4638 can safely power up into a pre-biased output
without discharging it.
The LTM4638 accomplishes this by forcing discontinuous
mode (DCM) operation until the TRACK/SS pin voltage
reaches 0.6V reference voltage. This will prevent the BG
from turning on during the pre-biased output start-up
which would discharge the output.
SW Pins and Snubbering Circuit
The SW pin is generally for testing purposes by monitor-
ing the pin. The SW pin can also be used to dampen out
switch node ringing caused by LC parasitic in the switched
current path. Usually a series R-C combination is used
called a snubber circuit. The resistor will dampen the
resonance and the capacitor is chosen to only affect the
high frequency ringing across the resistor.
If the stray inductance or capacitance can be measured or
approximated then a somewhat analytical technique can
be used to select the snubber values. The inductance is
usually easier to predict. It combines the power path board
inductance in combination with the MOSFET interconnect
bond wire inductance.
First the SW pin can be monitored with a wide bandwidth
scope with a high frequency scope probe. The ring fre-
quency can be measured for its value. The impedance Z
can be calculated:
ZL = 2π • f • L
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by:
ZC =
1
2
π • f •C
These values are a good place to start. Modification to
these components should be made to attenuate the ring-
ing with the least amount the power loss.
Stability Compensation
The LTM4638 has already been internally optimized and
compensated for all output voltages and capacitor combi-
nations including all ceramic capacitor applications when
COMPb is tied to COMPa. Please note that a 22pF to
47pF feedforward capacitor (CFF) is required connecting
from VOUT to VFB pin for all ceramic capacitor application
to achieve high bandwidth control loop compensation
with enough phase margin. Table 7 is provided for most
application requirements using the optimized internal
compensation. For specific optimized requirement, dis-
connect COMPb from COMPa and apply a Type II C-R-C
compensation network from COMPa to GND to achieve
external compensation. The LTpowerCAD design tool is
available to download online to perform specific control
loop optimization and analyze the control stability and load
transient performance.
Differential Remote Sense Amplifier
Anaccuratedifferentialremotesenseamplifierisbuildinto
the LTM4638 to sense output voltages accurately at the
remote load points. This is especially true for high current
loads. It is very important that the VOSNS+ and VOSNS– are
connected properly at the remote output sense point, and
the feedback resistor RFB is connected to between VFB
pin to VOSNS– pin. Review the schematics in Figure 23
for reference.
In multiphase single output application. Only one set of
differential sensing amplifier and one set of feedback
resistor are required while connecting RUN, TRACK/SS,
VOUT, VFB and COMPa of different channels together. See
Figure 25 for paralleling application.
Input Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTM4638 constantly
monitors each VIN pin for an overvoltage condition. When
VIN rises above 24.5V, the regulator suspends operation
by shutting off both power MOSFETs on the correspond-
ing channel. Once VIN drops below 21.5V, the regulator
immediately resumes normal operation. The regulator
executes its soft-start function when exiting an overvolt-
age condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com