Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4649
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 13Page - Analog Devices LTM4649 Datasheet HTML 14Page - Analog Devices LTM4649 Datasheet HTML 15Page - Analog Devices LTM4649 Datasheet HTML 16Page - Analog Devices LTM4649 Datasheet HTML 17Page - Analog Devices LTM4649 Datasheet HTML 18Page - Analog Devices LTM4649 Datasheet HTML 19Page - Analog Devices LTM4649 Datasheet HTML 20Page - Analog Devices LTM4649 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTM4638
17
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Temperature Monitoring
Measuring the absolute temperature of a diode is possible
due to the relationship between current, voltage and tem-
perature described by the classic diode equation:
ID =IS •e
VD
η• VT
⎛
⎝⎜
⎞
⎠⎟
or
VD = η• VT •In
ID
IS
where ID is the diode current, VD is the diode voltage, η
is the ideality factor (typically close to 1.0) and IS (satura-
tion current) is a process dependent parameter. VT can be
broken out to:
VT =
k • T
q
where T is the diode junction temperature in Kelvin, q is
the electron charge and k is Boltzmann’s constant. VT is
approximately 26mV at room temperature (298K) and
scales linearly with Kelvin temperature. It is this linear
temperature relationship that makes diodes suitable tem-
perature sensors. The IS term in the previous equation is
the extrapolated current through a diode junction when
the diode has zero volts across the terminals. The IS term
varies from process to process, varies with temperature,
and by definition must always be less than ID. Combining
all of the constants into one term:
KD =
η•k
q
where KD = 8.62−5, and knowing ln(ID/IS) is always posi-
tive because ID is always greater than IS, leaves us with
the equation that:
VD = T KELVIN
(
)•KD •In
ID
IS
where VD appears to increase with temperature. It is com-
mon knowledge that a silicon diode biased with a current
source has an approximate –2mV/°C temperature rela-
tionship (Figure 8), which is at odds with the equation. In
fact, the IS term increases with temperature, reducing the
ln(ID/IS) absolute value yielding an approximate –2mV/°C
composite diode voltage slope.
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4638 F08
125
Figure 8. Diode Voltage VD vs Temperature T(°C)
To obtain a linear voltage proportional to temperature
we cancel the IS variable in the natural logarithm term to
remove the IS dependency from the equation 1. This is
accomplished by measuring the diode voltage at two cur-
rents I1, and I2, where I1 = 10 • I2) and subtracting we get:
Δ
VD =T(KELVIN)•KD•IN
I1
IS
−
T(KELVIN)•KD•IN
I2
IS
Combining like terms, then simplifying the natural log
terms yields:
ΔVD = T(KELVIN) • KD • lN(10)
and redefining constant
K'D = KD •IN(10) =
198µV
K
yields
ΔVD = K’D • T(KELVIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com