Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4649
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 2 Page - Analog Devices

  LTM4649 Datasheet HTML 1Page - Analog Devices LTM4649 Datasheet HTML 2Page - Analog Devices LTM4649 Datasheet HTML 3Page - Analog Devices LTM4649 Datasheet HTML 4Page - Analog Devices LTM4649 Datasheet HTML 5Page - Analog Devices LTM4649 Datasheet HTML 6Page - Analog Devices LTM4649 Datasheet HTML 7Page - Analog Devices LTM4649 Datasheet HTML 8Page - Analog Devices LTM4649 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTM4638
2
Rev. C
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 22V
VOUT............................................................. –0.3V to 6V
INTVCC...................................................... –0.3V to 3.6V
RUN ............................................................ –0.3V to VIN
PGOOD, FREQ, COMPa, COMPb,
PHMODE, CLKOUT, FB.............................. –0.3V to 3.6V
MODE/CLKIN, TRACK/SS .....................–0.3V to INTVCC
VOSNS+......................................................... –0.3V to 6V
VOSNS–...................................................... –0.3V to 0.3V
Internal Operating Temperature Range
(Notes 2, 5)............................................ –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 250°C
(Note 1)
(See Pin Functions, Pin Configuration Table)
BGA PACKAGE
49-LEAD (6.25mm × 6.25mm × 5.02mm)
TJMAX = 125°C, θJCtop = 10°C/W, θJCbottom = 4.2°C/W, θJA = 16°C/W
TOP VIEW
5
1
2
3
4
7
6
A
B
C
D
E
F
G
NOTE:
1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS, WEIGHT 660mg
2) θJA VALUE IS OBTAINED WITH DEMO BOARD
3) REFER TO PAGES 21, 22 FOR LAB MEASUREMENT AND DE-RATING INFORMATION
VOUT
VIN
PHMODE
GND
TSENSE–
TSENSE+
SW
CLKOUT
COMPb
FREQ
VOSNS–
MODE/CLKIN
TRACK/SS
VOSNS+
INTVCC
RUN
PGOOD
FB
COMPa
VOUT
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(NOTE 2)
DEVICE
FINISH CODE
LTM4638EY#PBF
SAC305 (RoHS)
4638
e1
BGA
3
–40°C to 125°C
LTM4638IY#PBF
SAC305 (RoHS)
4638
e1
BGA
3
–40°C to 125°C
LTM4638IY
SnPb
4638
e0
BGA
3
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and
Manufacturing Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com