Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 6 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 6 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 2Page - COSEL CO., LTD. ZUS3 Datasheet HTML 3Page - COSEL CO., LTD. ZUS3 Datasheet HTML 4Page - COSEL CO., LTD. ZUS3 Datasheet HTML 5Page - COSEL CO., LTD. ZUS3 Datasheet HTML 6Page - COSEL CO., LTD. ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
nWhen a non-regulated source is used as a front end, make sure
that the voltage fluctuation together with the ripple voltage will not
exceed the input voltage range.
nSelect the converter that is able to handle the start-up current (Ip).
n
n
n
When too much stress is applied on the input/output pins of the
unit, the internal connection may be weakened. As below Fig. 9.1,
avoid applying stress of more than 19.6N (2kgf) on the pins hori-
zontally and more than 39.2N (4kgf) vertically.
The input/output pins are soldered on PCB internally, therefore,
do not pull or bend them with abnormal forces.
When additional stress is expected to be put on the input/output
pins because of vibration or impacts, fix the unit on PCB (using sil-
icone rubber or fixing fittings) to reduce the stress onto the in-
put/output pins.
ZU/ZT-39
ZU1R5 ZU3 ZU6 ZU10
6 Input Voltage/
Current Range
Fig.6.1 Input current characteristics
7 Cleaning
nCleaning is possible by below listed conditions.
No.
Classification
1
2
3
4
Cleaning agents
Pine Alpha ST–100S(ARAKAWA CHEMICAL CO.)
Clean Through 750H(KAO Corporation)
IPA
Asahiklin AK–225AES(ASAHI GLASS CO.)
Water type
Solvent type
No.
1
2
3
4
Cleaning method
Liquid Temp.
Varnishing or Ultra
sonic wave
Less than
60
Period
Within 5
minutes
Within 2
minutes
–
Varnishing,Ultra sonic
wave, Vapor
Cleaning method
nDuring cleaning to drying (the condition that cleaning liquid is
soaked into the ink of name plate), do not touch on the surface of
name plate.
nAfter cleaning, dry them enough.
8 Soldering
nFlow soldering : 260 less than 15 seconds.
nSoldering iron : 450 less than 5 seconds.
9 Input/Output Pin
Fig.9.1 Stress onto the pins
nIt is possible to supply the pulse current for the pulse load by con-
necting the capacitor externally at the output side.
10 Peak Current
(Pulse Load)
ZU/ZT
Instruction
anual
M
DC-DC Converters PCB Mount type
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com