Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 14 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 14 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. ZUS3 Datasheet HTML 11Page - COSEL CO., LTD. ZUS3 Datasheet HTML 12Page - COSEL CO., LTD. ZUS3 Datasheet HTML 13Page - COSEL CO., LTD. ZUS3 Datasheet HTML 14Page - COSEL CO., LTD. ZUS3 Datasheet HTML 15Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ZU/ZT-47
4 Series Operation and
Parallel Operation
4.1 Series operation
nSeries operation is available by connecting the outputs of two or
more power supplies, as shown below. Output currents in series
connection should be lower than the lowest rated current in each
unit.
But at series operation with same output voltage, diode is not re-
quired to attach even if at (a).
(a) When the output voltage is less than 5V.
Power
supply
+
-
Power
supply
+
-
D1
D2
D4
D3
D1 - D4: Please use Schottky Barrier Diode.
(b) When the output voltage is more than 12V.
D1, D2: Please use Schottky Barrier Diode.
4.2 Redundancy operation
nRedundancy operation is available by connecting the units as
shown below.
5 Assembling and
Installation Method
5.2 Derating
n
n
Ambient temperature around each power supply should not ex-
ceed the temperature range shown in derating curve.
It is necessary to note thermal fatigue life by power cycle.
Please reduce the temperature fluctuation range as much as pos-
sible when the up and down of temperature are frequently gener-
ated.
6 Input Voltage/
Current Range
n
n
When a non-regulated source is used as a front end, make sure
that the voltage fluctuation together with the ripple voltage will not
exceed the input voltage range.
Select the converter that is able to handle the start-up current (Ip).
Fig.6.1 Input current characteristics
ZT1R5 ZT3
100
50
0
-20
0
102030405060
(71)
(85)
70
80
90
-10
Ambient temperature [ ]
1 ZTS30512, ZTS30515
ZTW30512, ZTW30515
Convection[ 1 models]
Convection[Other models]
Forced air(500 /min)[ 1 models]
Forced air(500 /min)[Other models]
ZU/ZT
Instruction
anual
M
DC-DC Converters PCB Mount type
5.1 Installation method
nThe unit can be mounted in any direction. Install the device, with
proper intervals to allow enough air ventilation.
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com