Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 11 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 11 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. ZUS3 Datasheet HTML 11Page - COSEL CO., LTD. ZUS3 Datasheet HTML 12Page - COSEL CO., LTD. ZUS3 Datasheet HTML 13Page - COSEL CO., LTD. ZUS3 Datasheet HTML 14Page - COSEL CO., LTD. ZUS3 Datasheet HTML 15Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ZU/ZT-44
ZU/ZT
n
n
Flow soldering : 260
less than 15 seconds.
Soldering iron : 450
less than 5 seconds.
n
n
Cleaning period : The total time of varnishing, ultrasonic wave and
vaper should be within 2 minutes. In case of ul-
trasonic wave cleaning, the ultrasonic should be
less than 15kw/m . During cleaning to drying
(the condition that cleaning liquid is soaked into
the ink of name plate), do not touch on the sur-
face of name plate.
After cleaning, dry them enough.
3
8 Soldering
n
n
n
When too much stress is applied on the input/output pins of the
unit, the internal connection may be weakened. As below Fig. 9.1,
avoid applying stress of more than 19.6N (2kgf) on the pins hori-
zontally and more than 39.2N (4kgf) vertically.
The input/output pins are soldered on PCB internally, therefore,
do not pull or bend them with abnormal forces.
When additional stress is expected to be put on the input/output
pins because of vibration or impacts, fix the unit on PCB (using sil-
icone rubber or fixing fittings) to reduce the stress onto the in-
put/output pins.
9 Input/Output Pin
Fig.9.1 Stress onto the pins
7 Cleaning
nCleaning agents :
nThe temperature increase of case surface at full load is shown by
below table as referenced data.
Temperature increase on surface of case (ZU series) (Unit: deg)
Input Voltage
Output Voltage
5V
12V
±12V
±15V
5V
12V
±12V
±15V
5V
12V
±12V
±15V
5V
12V
±12V
±15V
30
36
39
38
28
34
36
35
31
38
34
27
21
23
24
26
38
42
39
40
36
42
43
45
32
38
36
35
28
25
31
31
15W
25W
5V
12V
24V
48V
6 Input Voltage/
Current Range
n
n
When a non-regulated source is used as a front end, make sure
that the voltage fluctuation together with the ripple voltage will not
exceed the input voltage range.
Select the converter that is able to handle the start-up current (Ip).
Fig.6.1 Input current characteristics
No.
Classification
Cleanig agents
1
2
3
4
Pine Alpha ST-100S(ARAKAWA CHEMICAL CO.)
Clean Through 750H(KAO Corporation)
IPA
Asahiklin AK-225AES(ASAHI GLASS CO.)
Water type
Solvent type
ZU15 ZU25
Instruction
anual
M
DC-DC Converters PCB Mount type
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com