Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 7 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 7 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 3Page - COSEL CO., LTD. ZUS3 Datasheet HTML 4Page - COSEL CO., LTD. ZUS3 Datasheet HTML 5Page - COSEL CO., LTD. ZUS3 Datasheet HTML 6Page - COSEL CO., LTD. ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. ZUS3 Datasheet HTML 11Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
1 Pin Connection
lSingle Output
ZU/ZT-40
ZU15 ZU25
No. Pin connection
Function
+DC INPUT
-DC INPUT
RC
+DC OUTPUT
COMMON
-DC OUTPUT
TRM
+Side of input voltage
-Side of input voltage
Remote ON/OFF
+Side of output voltage
GND of output voltage (Only applicable for Dual output)
-Side of output voltage
Adjustment voltage range
lDual (±) Output
2 Function
2.1 Input voltage
n
n
If the wrong input is applied, the unit will not operate properly
and/or may be damaged.
Overcurrent protection circuit is built-in and comes into effect at
over 105% of the rated current.
Overcurrent protection prevents the unit from short circuit and
over current condition of less than 20 sec.
The unit automatically recovers when the fault condition is
cleared.
2.2 Overcurrent protection
ZU/ZT
nThe average current Iav of output is shown in below formula.
(Iop - Is) t
T
Iav=Is+
nThe required electrolytic capacitor C is found by below formula.
(Iop - Iav) t
Vo
C=
Instruction
anual
M
DC-DC Converters PCB Mount type
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com