Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 15 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 15 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. ZUS3 Datasheet HTML 11Page - COSEL CO., LTD. ZUS3 Datasheet HTML 12Page - COSEL CO., LTD. ZUS3 Datasheet HTML 13Page - COSEL CO., LTD. ZUS3 Datasheet HTML 14Page - COSEL CO., LTD. ZUS3 Datasheet HTML 15Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
ZU/ZT-48
ZU/ZT
ZT1R5 ZT3
7 Cleaning
nCleaning is possible by below listed conditions.
n
n
During cleaning to drying (the condition that cleaning liquid is
soaked into the ink of name plate), do not touch on the surface of
name plate.
After cleaning, dry them enough.
Cleaning method
No.
Classification
1
2
3
4
Cleaning agents
Pine Alpha ST–100S (ARAKAWA CHEMICAL CO.)
Clean Through 750H (KAO Corporation)
IPA
Asahiklin AK–225AES (ASAHI GLASS CO.)
Water type
Solvent type
No.
1
2
3
4
Cleaning method
Liquid Temp.
Varnishing or Ultra
sonic wave
Less than
60
Period
Within 5
minutes
Within 2
minutes
–
Varnishing,Ultra sonic
wave, Vapor
8 Soldering
n
n
Flow soldering : 260
less than 15 seconds.
Soldering iron : 450
less than 5 seconds.
9 Input/Output Pin
n
n
When too much stress is applied on the input/output pins of the
unit, the internal connection may be weakened. As below Fig.9.1,
avoid applying stress of more than 9.8N (1kgf) on the pins hori-
zontally and more than 19.6N (2kgf) vertically.
When additional stress is expected to be put on the input/output
pins because of vibration or impacts, fix the unit on PCB (using sil-
icone rubber or fixing fittings) to reduce the stress onto the in-
put/output pins.
Less than
9.8N(1kgf)
Less than
9.8N(1kgf)
Less than 19.6N(2kgf)
A part
A
Fig.9.1 Stress onto the pins
10 Peak Current
(Pulse Load)
nIt is possible to supply the pulse current for the pulse load by con-
necting the capacitor externally at the output side.
nThe average current Iav of output is shown in below formula.
(Iop - Is) t
T
Iav=Is+
nThe required electrolytic capacitor C is found by below formula.
(Iop - Iav) t
Vo
C=
Instruction
anual
M
DC-DC Converters PCB Mount type
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com