Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 10 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 10 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 6Page - COSEL CO., LTD. ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. ZUS3 Datasheet HTML 11Page - COSEL CO., LTD. ZUS3 Datasheet HTML 12Page - COSEL CO., LTD. ZUS3 Datasheet HTML 13Page - COSEL CO., LTD. ZUS3 Datasheet HTML 14Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ZU/ZT-43
5 Assembling and
Installation Method
5.1 Installation method
n
n
The unit can be mounted in any direction. Position them with
proper intervals to allow enough air ventilation. Ambient tempera-
ture around each power supply should not exceed the tempera-
ture range shown in derating curve.
Avoid placing the DC input line pattern lay out underneath the unit
because it will increase the line conducted noise. Make sure to
leave an ample distance between the line pattern lay out and the
unit. Also, avoid placing the DC output line pattern underneath
the unit because it may increase the output noise. Lay out the pat-
tern away from the unit.
YES
NO
Fig.5.1 Pattern wiring
5.2 Derating
n
n
n
By derating the output current, it is possible to operate the unit
from -20
to +71
(-20
to +85
at forced air cooling).
When unit mounted any way other than in drawings below, it is re-
quired to consider ventilated environments by forced air cooling
or temperature/load derating. For details, please consult our
sales or engineering departments.
It is necessary to note thermal fatigue life by power cycle.
Please reduce the temperature fluctuation range as much as pos-
sible when the up and down of temperature are frequently gener-
ated.
ZU/ZT
Fig.5.2 Derating curve
I2
I1
I3
-
-
+
Power
supply
Power
supply
+
Instruction
anual
M
DC-DC Converters PCB Mount type
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com