Electronic Components Datasheet Search
  English  ▼

X  

ZUS3 Datasheet(PDF) 12 Page - COSEL CO., LTD.

Part # ZUS3
Description  DC-DC Converters PCB Mount type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

ZUS3 Datasheet(HTML) 12 Page - COSEL CO., LTD.

Back Button ZUS3 Datasheet HTML 7Page - COSEL CO., LTD. ZUS3 Datasheet HTML 8Page - COSEL CO., LTD. ZUS3 Datasheet HTML 9Page - COSEL CO., LTD. ZUS3 Datasheet HTML 10Page - COSEL CO., LTD. ZUS3 Datasheet HTML 11Page - COSEL CO., LTD. ZUS3 Datasheet HTML 12Page - COSEL CO., LTD. ZUS3 Datasheet HTML 13Page - COSEL CO., LTD. ZUS3 Datasheet HTML 14Page - COSEL CO., LTD. ZUS3 Datasheet HTML 15Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ZU/ZT-45
10 Peak Current
(Pulse Load)
nIt is possible to supply the pulse current for the pulse load by con-
necting the capacitor externally at the output side.
ZU15 ZU25
nThe average current Iav of output is shown in below formula.
(Iop - Is) t
T
Iav=Is+
nThe required electrolytic capacitor C is found by below formula.
(Iop - Iav) t
Vo
C=
ZT1R5 ZT3
1 Pin Connection
-V+V
+V
NC
COM
-V
S
IN
OUT
No. Pin connection
Function
-DC INPUT
+DC INPUT
+DC OUTPUT
NC (Single output)
COM (Dual output)
-DC OUTPUT
If connected to -side of input, the case potential can be
fixed and the value of radiation noise can be reduced.
-Side of input voltage
+Side of input voltage
+Side of output voltage
No Connection
GND of output voltage (Only applicable for Dual output)
-Side of output voltage
Case Connecting
Pin
lSingle Output
lDual (±) Output
lCase Connectiong Pin
Case connecting pin is available. By connecting the pin to -side of
input, the radiation noise from main body can be reduced.
2 Function
2.1 Input voltage
nIf the wrong input is applied, the unit will not operate properly
and/or may be damaged.
ZU/ZT
Instruction
anual
M
DC-DC Converters PCB Mount type
October 08, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com