Electronic Components Datasheet Search
  English  ▼

X  

24-7 Datasheet(PDF) 25 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 25 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 21Page - Amphenol Corporation 24-7 Datasheet HTML 22Page - Amphenol Corporation 24-7 Datasheet HTML 23Page - Amphenol Corporation 24-7 Datasheet HTML 24Page - Amphenol Corporation 24-7 Datasheet HTML 25Page - Amphenol Corporation 24-7 Datasheet HTML 26Page - Amphenol Corporation 24-7 Datasheet HTML 27Page - Amphenol Corporation 24-7 Datasheet HTML 28Page - Amphenol Corporation 24-7 Datasheet HTML 29Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
23
97 series crimp type
receptacles
97-4100A wall mount receptacle
Solid shell construction is strong and con-
serves space. Includes integral polarizing
key in front. Back shell is threaded for stan-
dard MS/AN fittings.
97-4101A cable receptacle
Solid shell construction is strong and con-
serves space. Includes integral polarizing key
in front shell. Machined back shell is threaded
for standard MS/AN fittings. Can be
unscrewed for inspection or soldering
97-4102A box receptacle
Solid shell designed for open wiring.
Mounts directly on chassis, equipment or
panel. Includes internal polarized key in
front shell.
97-4100A and 97-4101A
Connector
Size
A
Coupling
Thread
K Ref.
L Max.
M Ref.
N Ref.
O Ref.
R Ref.
S Ref.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL
5/8-24
5/64 1.98
1-9/32
32.53 9/16 14.27 3/4
19.05
.812 20.62
23/32
18.24
1
25.40
5/8-24
12S
3/4-20
5/64 1.98
1-15/32
37.29 9/16 14.27 25/32
19.84
.812 20.62
13/16
20.62
1-3/32 27.76
5/8-24
14S
7/8-20
5/64 1.98
1-15/32
37.39 9/16 14.27 7/8
22.23
.938 23.83
29/32
23.01
1-3/16 30.15
3/4-20
16S
1
-20
5/64 1.98
1-15/32
37.39 9/16 14.27 1
25.40 1.062 26.97
31/32
24.59
1-9/32 32.54
7/8-20
18
1-1/8-18
1/8
3.18
1-63/64
50.24 3/4
19.05 1-1/8
28.58 1.188 30.18
1-1/16
26.97
1-3/8
34.93 1
-20
20
1-1/4-18
1/8
3.18
1-57/64
47.85 3/4
19.05 1-1/4
31.75 1.312 33.32
1-5/32
29.36
1-1/2
38.10 1-3/16-18
22
1-3/8-18
1/8
3.18
1-63/64
50.24 3/4
19.05 1-3/8
34.93 1.438 36.53
1-1/4
31.75
1-5/8
39.67 1-3/16-18
24
1-1/2-18
1/8
3.18
2-14
57.15 13/16 20.62 1-1/2
38.10 1.562 36.67
1-3/8
34.43
1-3/4
44.45 1-7/16-18
28
1-3/4-18
1/8
3.18
2-1/4
57.15 13/16 20.62 1-3/4
44.45 1.812 46.02
1-9/16
39.67
2
50.80 1-7/16-18
32
2
-18
1/8
3.18
2-3/8
60.33 7/8
22.23 2-1/32
51.59 2.062 52.37
1-3/4
44.45
2-1/4
57.15
1-3/4-18
36
2-1/4-16
1/8
3.18
2-3/8
60.33 7/8
22.23 2-1/4
57.15 2.312 58.72
1-15/16
49.20
2-1/2
63.50
2
-18
97-4102A
Connector
Size
A
Coupling
Thread
K Ref.
L Max.
M Ref.
N Ref.
O Ref.
R Ref.
S Ref.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL
5/8-24
5/64 1.98
61/64
24.21 35/64 13.87 11/16
17.48
.812 20.62
23/32
18.24
1
25.40
12S
3/4-20
5/64 1.98
31/32
24.61 9/16 14.27 11/16
17.45
.812 20.62
13/16
20.62
1-3/32 27.76
14S
7/8-20
5/64 1.98
61/64
24.21 9/16 14.27 3/4
19.05
.938 23.83
29/32
23.01
1-3/16 30.15
16S
1 -20
5/64 1.98
61/64
24.21 9/16 14.27 7/8
22.23 1.062 26.97
31/32
24.59
1-9/32 32.54
18
1-1/8-18
1/8
3.18
1-3/8
34.92 3/4
19.05 1
25.40 1.188 30.18
1-1/16
26.97
1-3/8
34.93
20
1-1/4-18
1/8
3.18
1-3/8
34.92 3/4
19.05 1-1/8
28.58 1.312 33.32
1-5/32
29.36
1-1/2
38.10
22
1-3/8-18
1/8
3.18
1-3/8
34.92 3/4
19.05 1-1/4
31.75 1.438 36.53
1-1/4
31.75
1-5/8
41.28
24
1-1/2-18
1/8
3.18
1-3/8
34.92 13/16 20.62 1-3/8
34.93 1.562 39.67
1-3/8
34.93
1-3/4
44.45
28
1-3/4-18
1/8
3.18
1-3/8
34.92 13/16 20.62 1-5/8
41.28 1.812 46.02
1-9/16
39.67
2
50.80
32
2
-18
1/8
3.18
1-15/32
37.31 7/8
22.23 1-29/32 48.41 2.062 52.37
1-3/4
44.45
2-1/4
57.15
36
2-1/4-16
1/8
3.18
1-15/32
37.31 7/8
22.23 2-1/8
53.98 2.312 58.72
1-15/16
49.20
2-1/2
63.50
L
K
M
A
N
L
A
V
N
L
M
A
V
N
S
S
R
R
K
Mounting
Holes
S
S
R
R
O
Panel Opening
.173 (4.394) DIA.
FOR SIZE 32 AND 36
.147 (3.734) DIA.
FOR SIZES 24 AND 28
.120 (3.048) DIA.
FOR ALL OTHER SIZES
Mounting Holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com