Electronic Components Datasheet Search
  English  ▼

X  

24-7 Datasheet(PDF) 35 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 35 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 30Page - Amphenol Corporation 24-7 Datasheet HTML 31Page - Amphenol Corporation 24-7 Datasheet HTML 32Page - Amphenol Corporation 24-7 Datasheet HTML 33Page - Amphenol Corporation 24-7 Datasheet HTML 34Page - Amphenol Corporation 24-7 Datasheet HTML 35Page - Amphenol Corporation 24-7 Datasheet HTML 36Page - Amphenol Corporation 24-7 Datasheet HTML 37Page - Amphenol Corporation 24-7 Datasheet HTML 38Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
33
Additional Products
other MIL-5015 type connectors
from Amphenol
Amphenol® MS/Standard MIL-5015 Connectors
MS/Standard MIL-5015 Type Connectors
Amphenol has long been the accepted leader in providing MS/Standard
MIL-5015 type connectors. When a Mil-Spec 5015 connector is
required, these connectors provide well-proven electrical capability.
They are tested to strict adherence to military specifications, and they
are offered in a very broad range of product styles and options. Features
include:
• medium to heavy weight cylindrical with resilient inserts
• environmental resistant
• threaded couplings, single key/keyway shell polarization
• operating voltage to 3000 VAC (RMS) at sea level
• 5 shell styles, 19 shell sizes, 280 contact arrangements
• solder or crimp contacts (non-rear-release type),
sizes 16–0 accepting 22–0 AWG
• coaxial or thermocouple contact options
• alternate insert positioning
• hermetic configurations available
• zinc alloy plating (cadmium-free) available
Within the MS/Standard family there are five mil-spec classes to meet
different requirements:
A – Solid Shell – for general, non-environmental applications.
C – Pressurized – for use on pressurized bulkheads or pressure barri-
ers; limits air leakage regardless of type and class of plug mated
with them.
E/F – Environmental Resisting with Strain Relief – designed for applications where the connector will be exposed to
moisture, vibration, and rapid changes in pressure and temperature.
R – Lightweight Environmental Resisting – shorter in length, lighter in weight than the E & F classes, the MS-R offers
a high degree of reliability under adverse conditions: recommended for new design applications.
See online (www.amphenol-industrial.com) or ask for Amphenol catalog 12-020 which gives detailed information on
this family of connectors.
Amphenol® Pre-Earth FMLB Connectors
Amphenol® Pre-Earth/First Mate Last Break Connectors are designed for
applications where a protective circuit from the ground contact to the shell
is a safety requirement. These connectors provide a path for any stray
voltage to be shunted to a safe ground avoiding harm to the operator and
the voltage sensitive equipment.
Features of Pre-Earth FMLB (DL Series) Connectors:
• MIL-5015 dimensions and performance where applicable.
• Conformity with European safety standards (DIN VDE 0627 and certi-
fied through TUV Product Service GMBH) in the approved insert
arrangement. Offered in shell styles: 3102A box mount, 3106A straight
plug, 3108A 90 degree plug.
• Intermateable with MS 5015 and 97 Series styles.
• Class IP67 protection in the mated condition.
• Main joint gasket between plug and receptacle shells provides
superior moisture sealing.
• Pre-earth (ground contact) design.
• First mate, last break capability.
• Standard plating is black zinc alloy. Green zinc plating is an option.
See online (www.amphenol-industrial.com) or ask for Amphenol Product
Data sheet #187 for detailed information on Pre-Earth FMLB Connectors.
Amphenol® Pre-Earth FMLB
Connectors
Pre-Earth (ground) contact
mates first and provides safety
from voltage outputs -
protects operators and sensi-
tive circuits.
other SAE AS50151 type connectors
from Amphenol
MS/Standard SAE AS50151 Type Connectors
Amphenol has long been the accepted leader in providing MS/Standard
SAE AS50151 type connectors. When a Mil-Spec 5015 connector is
required, these connectors provide well-proven electrical capability.
They are tested to strict adherence to military specifications, and
they are offered in a very broad range of product styles and options.
Features include:
• SAE AS50151 dimensions and performance where applicable.
• Conformity with European safety standards (DIN VDE 0627 and
certified through TUV Product Service GMBH) in the approved
insert arrangement. Offered in shell styles: 3102A box mount,
3106A straight plug, 3108A 90 degree plug.
• Intermateable with SAE AS50151 and 97 Series styles.
• Class IP67 protection in the mated condition.
• Main joint gasket between plug and receptacle shells provides
superior moisture sealing.
• Pre-earth (ground contact) design.
• First mate, last break capability.
• Standard plating is black zinc alloy. Green zinc plating is an option.
See online (www.amphenol-industrial.com) or ask for Amphenol Product
Data sheet #187 for detailed information on Pre-Earth FMLB Connectors.
Amphenol MS/Standard SAE AS50151 Connectors
See online (www.amphenol-industrial.com) or ask for Amphenol catalog IC-5 5015/AC Threaded which gives detailed
information on the family of connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com