Electronic Components Datasheet Search
  English  ▼

X  

24-7 Datasheet(PDF) 16 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 16 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 12Page - Amphenol Corporation 24-7 Datasheet HTML 13Page - Amphenol Corporation 24-7 Datasheet HTML 14Page - Amphenol Corporation 24-7 Datasheet HTML 15Page - Amphenol Corporation 24-7 Datasheet HTML 16Page - Amphenol Corporation 24-7 Datasheet HTML 17Page - Amphenol Corporation 24-7 Datasheet HTML 18Page - Amphenol Corporation 24-7 Datasheet HTML 19Page - Amphenol Corporation 24-7 Datasheet HTML 20Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
14
97 series solder type
plugs with solid shells
MS3106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
MS3107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
MS3108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
MS3106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
8S
1-1/4
31.75
17/32
13.49
3/4
19.05
1/2-28
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
12SL
1-31/64
37.69
7/8
22.23
1
25.40
3/4-20
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2
-18
MS3107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
MS3108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10S
1-1/4
31.75 7/8
22.23 7/8
22.23
1/2-28
25/32
19.84
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
12SL 1-3/8
34.93 1
25.40 1
25.40
3/4-20
1-1/16 26.97
12
1-13/64 30.56 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
14
1-13/16 46.02 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
16
1-15/16 49.20 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V
97 series solder type
plugs with split shells
MS3106B straight plug
Used for unusual conduit applications where
soldering and inspection is the prime require-
ment. Back shell is threaded for all standard
MS/AN fittings.
MS3107B quick-disconnect plug
For fast connect/disconnect applications. Front
shell has polarizing keyway. Mates with all
types of MS receptacles. Back shell is threaded
for standard MS/AN fittings
MS3108B angle plug
Lightweight, roomy cavity, split longitudinally for
convenient solder or inspection. Front shell is
keyed to allow the 90° angle housing to be
rotated and locked at any 45° increment.
Sizes 10S thru 14
MS3106B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.98
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.98
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
32
2-5/16
58.72
2-7/32
56.34
1-3/4-18
2-19/32
65.86
36
2-11/32
59.51
2-15/32
62.69
2 -18
2-27/32
72.21
MS3107B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.99
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.99
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
MS3108B
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
XRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10S
1-3/8
34.93
7/8
22.23 7/8
22.23
1/2-28
10SL 1-1/2
38.10
7/8
22.23 1
25.40
5/8-24
12S
1-9/16
39.67
1
25.40 1
25.40
5/8-24
1/2
12.70
12
1-7/8
47.63
1
25.40 1
25.40
5/8-24
1/2
12.70
14S
1-23/32 43.64
1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
14
1-15/16 49.20
1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
16S
1-3/4
44.45 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
16
2-1/8
53.98 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
18
2-5/32
54.75 1-11/32 34.11 1-3/16
30.15
1 -20 1-41/64 41.66
20
2-3/8
60.33 1-15/32 37.29 1-5/16
33.32
1-3/16-18 1-13/16 46.02
22
2-13/32 61.11 1-19/32 40.46 1-5/16
33.32
1-3/16-18 1-15/16 49.20
24
2-5/8
66.68 1-23/32 43.64 1-7/16
36.50
1-7/16-18 2-1/16
52.37
28
2-5/8
66.68 1-31/32 49.99 1-7/16
36.50
1-7/16-18 2-5/16
58.72
32
2-13/16 71.42 2-7/32
56.34 1-3/4
44.45
1-3/4-18 2-19/32 65.86
36
2-27/32 72.21 2-15/32 62.69 1-15/16 49.20
2 -18 2-27/32 72.21
Y Q
V
L
YQ
V
L
L
X
U
Q
V
L
U
QY
V
Sizes 16S thru 40
97 series solder type
plugs with split shells
MS3106B straight plug
Used for unusual conduit applications where
soldering and inspection is the prime require-
ment. Back shell is threaded for all standard
MS/AN fittings.
MS3107B quick-disconnect plug
For fast connect/disconnect applications. Front
shell has polarizing keyway. Mates with all
types of MS receptacles. Back shell is threaded
for standard MS/AN fittings
MS3108B angle plug
Lightweight, roomy cavity, split longitudinally for
convenient solder or inspection. Front shell is
keyed to allow the 90° angle housing to be
rotated and locked at any 45° increment.
Sizes 10S thru 14
MS3106B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.98
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.98
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
32
2-5/16
58.72
2-7/32
56.34
1-3/4-18
2-19/32
65.86
36
2-11/32
59.51
2-15/32
62.69
2 -18
2-27/32
72.21
MS3107B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.99
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.99
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
MS3108B
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
XRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10S
1-3/8
34.93
7/8
22.23 7/8
22.23
1/2-28
10SL 1-1/2
38.10
7/8
22.23 1
25.40
5/8-24
12S
1-9/16
39.67
1
25.40 1
25.40
5/8-24
1/2
12.70
12
1-7/8
47.63
1
25.40 1
25.40
5/8-24
1/2
12.70
14S
1-23/32 43.64
1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
14
1-15/16 49.20
1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
16S
1-3/4
44.45 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
16
2-1/8
53.98 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
18
2-5/32
54.75 1-11/32 34.11 1-3/16
30.15
1 -20 1-41/64 41.66
20
2-3/8
60.33 1-15/32 37.29 1-5/16
33.32
1-3/16-18 1-13/16 46.02
22
2-13/32 61.11 1-19/32 40.46 1-5/16
33.32
1-3/16-18 1-15/16 49.20
24
2-5/8
66.68 1-23/32 43.64 1-7/16
36.50
1-7/16-18 2-1/16
52.37
28
2-5/8
66.68 1-31/32 49.99 1-7/16
36.50
1-7/16-18 2-5/16
58.72
32
2-13/16 71.42 2-7/32
56.34 1-3/4
44.45
1-3/4-18 2-19/32 65.86
36
2-27/32 72.21 2-15/32 62.69 1-15/16 49.20
2 -18 2-27/32 72.21
Y Q
V
L
YQ
V
L
L
X
U
Q
V
L
U
QY
V
Sizes 16S thru 40
97 series solder type
plugs with split shells
MS3106B straight plug
Used for unusual conduit applications where
soldering and inspection is the prime require-
ment. Back shell is threaded for all standard
MS/AN fittings.
MS3107B quick-disconnect plug
For fast connect/disconnect applications. Front
shell has polarizing keyway. Mates with all
types of MS receptacles. Back shell is threaded
for standard MS/AN fittings
MS3108B angle plug
Lightweight, roomy cavity, split longitudinally for
convenient solder or inspection. Front shell is
keyed to allow the 90° angle housing to be
rotated and locked at any 45° increment.
Sizes 10S thru 14
MS3106B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.98
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.98
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
32
2-5/16
58.72
2-7/32
56.34
1-3/4-18
2-19/32
65.86
36
2-11/32
59.51
2-15/32
62.69
2 -18
2-27/32
72.21
MS3107B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.99
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.99
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
MS3108B
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
XRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10S
1-3/8
34.93
7/8
22.23 7/8
22.23
1/2-28
10SL 1-1/2
38.10
7/8
22.23 1
25.40
5/8-24
12S
1-9/16
39.67
1
25.40 1
25.40
5/8-24
1/2
12.70
12
1-7/8
47.63
1
25.40 1
25.40
5/8-24
1/2
12.70
14S
1-23/32 43.64
1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
14
1-15/16 49.20
1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
16S
1-3/4
44.45 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
16
2-1/8
53.98 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
18
2-5/32
54.75 1-11/32 34.11 1-3/16
30.15
1 -20 1-41/64 41.66
20
2-3/8
60.33 1-15/32 37.29 1-5/16
33.32
1-3/16-18 1-13/16 46.02
22
2-13/32 61.11 1-19/32 40.46 1-5/16
33.32
1-3/16-18 1-15/16 49.20
24
2-5/8
66.68 1-23/32 43.64 1-7/16
36.50
1-7/16-18 2-1/16
52.37
28
2-5/8
66.68 1-31/32 49.99 1-7/16
36.50
1-7/16-18 2-5/16
58.72
32
2-13/16 71.42 2-7/32
56.34 1-3/4
44.45
1-3/4-18 2-19/32 65.86
36
2-27/32 72.21 2-15/32 62.69 1-15/16 49.20
2 -18 2-27/32 72.21
Y Q
V
L
YQ
V
L
L
X
U
Q
V
L
U
QY
V
Sizes 16S thru 40
97 series solder type
plugs with solid shells
MS3106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
MS3107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
MS3108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
MS3106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
8S
1-1/4
31.75
17/32
13.49
3/4
19.05
1/2-28
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
12SL
1-31/64
37.69
7/8
22.23
1
25.40
3/4-20
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2
-18
MS3107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
MS3108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10S
1-1/4
31.75 7/8
22.23 7/8
22.23
1/2-28
25/32
19.84
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
12SL 1-3/8
34.93 1
25.40 1
25.40
3/4-20
1-1/16 26.97
12
1-13/64 30.56 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
14
1-13/16 46.02 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
16
1-15/16 49.20 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V
97 series solder type
plugs with solid shells
MS3106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
MS3107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
MS3108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
MS3106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
8S
1-1/4
31.75
17/32
13.49
3/4
19.05
1/2-28
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
12SL
1-31/64
37.69
7/8
22.23
1
25.40
3/4-20
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2
-18
MS3107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
MS3108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10S
1-1/4
31.75 7/8
22.23 7/8
22.23
1/2-28
25/32
19.84
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
12SL 1-3/8
34.93 1
25.40 1
25.40
3/4-20
1-1/16 26.97
12
1-13/64 30.56 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
14
1-13/16 46.02 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
16
1-15/16 49.20 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V
97 series solder type
plugs with solid shells
MS3106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
MS3107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
MS3108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
MS3106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
8S
1-1/4
31.75
17/32
13.49
3/4
19.05
1/2-28
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
12SL
1-31/64
37.69
7/8
22.23
1
25.40
3/4-20
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2
-18
MS3107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10S
1-5/16
33.32
5/8
15.88
7/8
22.23
1/2-28
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
12
1-7/8
47.63
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
14
1-7/8
47.47
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
MS3108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10S
1-1/4
31.75 7/8
22.23 7/8
22.23
1/2-28
25/32
19.84
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
12SL 1-3/8
34.93 1
25.40 1
25.40
3/4-20
1-1/16 26.97
12
1-13/64 30.56 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
14
1-13/16 46.02 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
16
1-15/16 49.20 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V
97-3106A
97-3107A
97-3108B
97-3106A
97-3107A
97-3108B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com