Electronic Components Datasheet Search
  English  ▼

X  

24-7 Datasheet(PDF) 27 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 27 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 23Page - Amphenol Corporation 24-7 Datasheet HTML 24Page - Amphenol Corporation 24-7 Datasheet HTML 25Page - Amphenol Corporation 24-7 Datasheet HTML 26Page - Amphenol Corporation 24-7 Datasheet HTML 27Page - Amphenol Corporation 24-7 Datasheet HTML 28Page - Amphenol Corporation 24-7 Datasheet HTML 29Page - Amphenol Corporation 24-7 Datasheet HTML 30Page - Amphenol Corporation 24-7 Datasheet HTML 31Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
25
* Contacts are not supplied with connectors, and must be
ordered separately. See following pages for contact
information.
Note:
Accessories for 97 Series Connectors should be
ordered with matching connector plating. See
accessory pages 28-32.
97 series crimp type
how to order
97 - 4101
A – 28 – 21
S
Y (621)
Series Number
97 - designates
AMPHENOL 97 Series
Shell Type
4100 Wall Receptacle
4101 Cable Receptacle
4102 Box Receptacle
4106 Straight Plug
4107 Quick Disconnect Plug
4108 Angle Plug
Note: “4” in part number
designates crimp contact rear
release connector
Shell Construction
A - Solid Backshell (excluding 3108)
B - Split Backshell (only 3108)
Shell Size
10SL, 12S, 14S, 16S, 18, 20,
22, 24, 28, 32, 36
Insert Configuration Number
See insert availability listing - page 20,
and see insert arrangement illustrations -
pages 21 and 22.
Shell Finish Non-RoHS Suffix
Omit for standard bright
cadmium finish
RoHS Compliant Suffix
(621) Black zinc alloy plating
(689) Electroless nickel plating
(958) Gray zinc nickel **NEW**
Example of part number for crimp type connectors is given below.
Alternate Insert Positions
Omit for standard position
W, X, Y or Z for alternate positions,
depending on insert (see page 20 for
positions available)
Contact Type*
P = Pin
S = Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com