Electronic Components Datasheet Search
  English  ▼

X  

24-7 Datasheet(PDF) 26 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 26 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 22Page - Amphenol Corporation 24-7 Datasheet HTML 23Page - Amphenol Corporation 24-7 Datasheet HTML 24Page - Amphenol Corporation 24-7 Datasheet HTML 25Page - Amphenol Corporation 24-7 Datasheet HTML 26Page - Amphenol Corporation 24-7 Datasheet HTML 27Page - Amphenol Corporation 24-7 Datasheet HTML 28Page - Amphenol Corporation 24-7 Datasheet HTML 29Page - Amphenol Corporation 24-7 Datasheet HTML 30Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
24
97 series crimp type
plugs with solid shells
97-4106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
97-4107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
97-4108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
97-4106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2 -18
97-4107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
97-4108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V
97 series crimp type
plugs with solid shells
97-4106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
97-4107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
97-4108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
97-4106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2 -18
97-4107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
97-4108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V
L
X
U
Q
V
L
U
QY
V
97 series crimp type
plugs with split shells
97-4106B straight plug
Used for unusual conduit applications where
soldering and inspection is the prime require-
ment. Back shell is threaded for all standard
MS/AN fittings.
97-4107B quick-disconnect plug
For fast connect/disconnect applications. Front
shell has polarizing keyway. Mates with all
types of MS receptacles. Back shell is threaded
for standard MS/AN fittings
97-4108B angle plug
Lightweight, roomy cavity, split longitudinally for
convenient inspection. Front shell is keyed to
allow the 90° angle housing to be rotated and
locked at any 45° increment.
97-4106B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.98
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.98
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
32
2-5/16
58.72
2-7/32
56.34
1-3/4-18
2-19/32
65.86
36
2-11/32
59.51
2-15/32
62.69
2 -18
2-27/32
72.21
97-4107B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.99
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.99
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
97-4108B
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
XRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL 1-1/2
38.10 7/8
22.23 1
25.40
5/8-24
12S
1-9/16
39.67 1
25.40 1
25.40
5/8-24
1/2
12.70
14S
1-23/32 43.64 1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
16S
1-3/4
44.45 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
18
2-5/32
54.75 1-11/32 34.11 1-3/16
30.15
1 -20 1-41/64 41.66
20
2-3/8
60.33 1-15/32 37.29 1-5/16
33.32
1-3/16-18 1-13/16 46.02
22
2-13/32 61.11 1-19/32 40.46 1-5/16
33.32
1-3/16-18 1-15/16 49.20
24
2-5/8
66.68 1-23/32 43.64 1-7/16
36.50
1-7/16-18 2-1/16
52.37
28
2-5/8
66.68 1-31/32 49.99 1-7/16
36.50
1-7/16-18 2-5/16
58.72
32
2-13/16 71.42 2-7/32
56.34 1-3/4
44.45
1-3/4-18 2-19/32 65.86
36
2-27/32 72.21 2-15/32 62.69 1-15/16 49.20
2 -18 2-27/32 72.21
Y Q
V
L
YQ
V
L
Sizes 10SL thru 14S
Sizes 16S thru 36
L
X
U
Q
V
L
U
QY
V
97 series crimp type
plugs with split shells
97-4106B straight plug
Used for unusual conduit applications where
soldering and inspection is the prime require-
ment. Back shell is threaded for all standard
MS/AN fittings.
97-4107B quick-disconnect plug
For fast connect/disconnect applications. Front
shell has polarizing keyway. Mates with all
types of MS receptacles. Back shell is threaded
for standard MS/AN fittings
97-4108B angle plug
Lightweight, roomy cavity, split longitudinally for
convenient inspection. Front shell is keyed to
allow the 90° angle housing to be rotated and
locked at any 45° increment.
97-4106B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.98
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.98
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
32
2-5/16
58.72
2-7/32
56.34
1-3/4-18
2-19/32
65.86
36
2-11/32
59.51
2-15/32
62.69
2 -18
2-27/32
72.21
97-4107B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.99
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.99
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
97-4108B
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
XRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL 1-1/2
38.10 7/8
22.23 1
25.40
5/8-24
12S
1-9/16
39.67 1
25.40 1
25.40
5/8-24
1/2
12.70
14S
1-23/32 43.64 1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
16S
1-3/4
44.45 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
18
2-5/32
54.75 1-11/32 34.11 1-3/16
30.15
1 -20 1-41/64 41.66
20
2-3/8
60.33 1-15/32 37.29 1-5/16
33.32
1-3/16-18 1-13/16 46.02
22
2-13/32 61.11 1-19/32 40.46 1-5/16
33.32
1-3/16-18 1-15/16 49.20
24
2-5/8
66.68 1-23/32 43.64 1-7/16
36.50
1-7/16-18 2-1/16
52.37
28
2-5/8
66.68 1-31/32 49.99 1-7/16
36.50
1-7/16-18 2-5/16
58.72
32
2-13/16 71.42 2-7/32
56.34 1-3/4
44.45
1-3/4-18 2-19/32 65.86
36
2-27/32 72.21 2-15/32 62.69 1-15/16 49.20
2 -18 2-27/32 72.21
Y Q
V
L
YQ
V
L
Sizes 10SL thru 14S
Sizes 16S thru 36
L
X
U
Q
V
L
U
QY
V
97 series crimp type
plugs with split shells
97-4106B straight plug
Used for unusual conduit applications where
soldering and inspection is the prime require-
ment. Back shell is threaded for all standard
MS/AN fittings.
97-4107B quick-disconnect plug
For fast connect/disconnect applications. Front
shell has polarizing keyway. Mates with all
types of MS receptacles. Back shell is threaded
for standard MS/AN fittings
97-4108B angle plug
Lightweight, roomy cavity, split longitudinally for
convenient inspection. Front shell is keyed to
allow the 90° angle housing to be rotated and
locked at any 45° increment.
97-4106B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.98
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.98
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
32
2-5/16
58.72
2-7/32
56.34
1-3/4-18
2-19/32
65.86
36
2-11/32
59.51
2-15/32
62.69
2 -18
2-27/32
72.21
97-4107B
Connector
Size
L Max.
Q Max.
V
Fitting Threads
Y Ref.
Inch
mm
Inch
mm
Inch
mm
14S
1-11/16
42.85
1-1/8
28.58
3/4-20
1-5/32
29.36
16S
1-11/16
42.85
1-1/4
31.75
7/8-20
1-1/4
31.75
18
2-1/16
52.37
1-11/32
34.11
1 -20
1-41/64
41.66
20
2-1/8
53.99
1-15/32
37.29
1-3/16-18
1-13/16
46.02
22
2-1/8
53.99
1-19/32
40.46
1-3/16-18
1-15/16
49.20
24
2-9/32
57.94
1-23/32
43.64
1-7/16-18
2-1/16
52.37
28
2-9/32
57.94
1-31/32
49.99
1-7/16-18
2-5/16
58.72
97-4108B
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
XRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL 1-1/2
38.10 7/8
22.23 1
25.40
5/8-24
12S
1-9/16
39.67 1
25.40 1
25.40
5/8-24
1/2
12.70
14S
1-23/32 43.64 1-1/8
28.58 1-1/16 26.97
3/4-20
21/32 16.66
16S
1-3/4
44.45 1-1/4
31.75 1-1/8
28.58
7/8-20 1-1/2
38.10
18
2-5/32
54.75 1-11/32 34.11 1-3/16
30.15
1 -20 1-41/64 41.66
20
2-3/8
60.33 1-15/32 37.29 1-5/16
33.32
1-3/16-18 1-13/16 46.02
22
2-13/32 61.11 1-19/32 40.46 1-5/16
33.32
1-3/16-18 1-15/16 49.20
24
2-5/8
66.68 1-23/32 43.64 1-7/16
36.50
1-7/16-18 2-1/16
52.37
28
2-5/8
66.68 1-31/32 49.99 1-7/16
36.50
1-7/16-18 2-5/16
58.72
32
2-13/16 71.42 2-7/32
56.34 1-3/4
44.45
1-3/4-18 2-19/32 65.86
36
2-27/32 72.21 2-15/32 62.69 1-15/16 49.20
2 -18 2-27/32 72.21
Y Q
V
L
YQ
V
L
Sizes 10SL thru 14S
Sizes 16S thru 36
97 series crimp type
plugs with solid shells
97-4106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
97-4107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
97-4108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
97-4106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2 -18
97-4107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
97-4108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V
97 series crimp type
plugs with solid shells
97-4106A straight plug
Sturdy, simple to assemble. Coupling ring
machined from solid aluminum bar stock for
high tensile strength. Mates with all types of
MS receptacles. Front shell includes polariz-
ing keyway. Back shell is threaded for stan-
dard MS/AN fittings.
97-4107A quick-disconnect plug
For fast connect/disconnect applications.
Front shell has polarizing keyway. Mates
with all types of MS receptacles. Back shell
is threaded for standard MS/AN fittings
97-4108A angle plug
For use where space in front of panel or wall
is at a premium. Swivel ring and plate com-
bination allow cable take off at any angle rel-
ative to front shell polarizing key. Back shell
is threaded for standard MS/AN fittings.
97-4106A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.93
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
28.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.57
1-11/32
34.11
1 -20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
32
2-3/8
60.33
2-1/32
51.59
2-7/32
56.34
1-3/4-18
36
2-3/8
60.33
2-1/4
57.15
2-15/32
62.69
2 -18
97-4107A
Connector
Size
L Max.
N Ref.
Q Max.
V
Fitting Threads
Inch
mm
Inch
mm
Inch
mm
10SL
1-3/8
34.92
3/4
19.05
7/8
22.23
5/8-24
12S
1-7/16
36.50
25/32
19.84
1
25.40
5/8-24
14S
1-15/32
37.13
7/8
22.23
1-1/8
38.58
3/4-20
16S
1-15/32
37.13
1
25.40
1-1/4
31.75
7/8-20
16
1-7/8
47.47
1
25.40
1-1/4
31.75
7/8-20
18
1-31/32
49.88
1-1/8
28.58
1-11/32
34.11
1
-20
20
1-7/8
47.50
1-1/4
31.75
1-15/32
37.29
1-3/16-18
22
1-31/32
49.88
1-3/8
34.93
1-19/32
40.46
1-3/16-18
24
2-1/4
57.15
1-1/2
38.10
1-23/32
43.64
1-7/16-18
28
2-1/4
57.15
1-3/4
44.45
1-31/32
49.99
1-7/16-18
97-4108A
Connector
Size
L Ref.
Q Max.
U Ref.
V
Fitting Threads
YRef.
Inch
mm
Inch
mm
Inch
mm
Inch
mm
10SL 1-5/16
33.32 7/8
22.23 1
25.40
5/8-24
1-1/16 26.97
12S
1-3/8
34.93 1
25.40 1
25.40
5/8-24
1-1/16 26.97
14S
1-3/8
34.93 1-1/8
28.58 1
25.40
3/4-20
1-1/16 26.97
16S
1-1/2
38.10 1-1/4
31.75 1-1/8
28.58
7/8-20
1-5/16 33.32
18
1-15/16 49.20 1-11/32 34.11 1-1/8
28.58
1 -20
1-5/16 33.32
20
2-1/16
52.37 1-15/32 37.29 1-5/16 33.32
1-3/16-18
1-5/8
42.28
22
2-1/16
52.37 1-19/32 40.46 1-5/16 33.32
1-3/16-18
1-5/8
42.28
24
2-15/32 62.69 1-23/32 43.64 1-1/2
38.10
1-7/16-18
2
50.80
28
2-15/32 62.69 1-31/32 49.99 1-1/2
38.10
1-7/16-18
2
50.80
Q N
L
V
Y
L
V
U
Q
Y
Q N
L
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com