Electronic Components Datasheet Search
  English  ▼

X  

24-7 Datasheet(PDF) 36 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 36 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 30Page - Amphenol Corporation 24-7 Datasheet HTML 31Page - Amphenol Corporation 24-7 Datasheet HTML 32Page - Amphenol Corporation 24-7 Datasheet HTML 33Page - Amphenol Corporation 24-7 Datasheet HTML 34Page - Amphenol Corporation 24-7 Datasheet HTML 35Page - Amphenol Corporation 24-7 Datasheet HTML 36Page - Amphenol Corporation 24-7 Datasheet HTML 37Page - Amphenol Corporation 24-7 Datasheet HTML 38Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
34
Additional Products
other MIL-5015 type connectors
from Amphenol, cont.
ACA-B Reverse Bayonet Connectors with MIL-5015 Inserts
The ACA-B is designed for commercial and Industrial environments requiring a
rugged bayonet style connector for heavy duty power and signal applications.
A comprehensive selection of insert arrangements and accessory hardware
configurations are featured to accommodate heavy-duty, commercial wire and
cable. ACA-B is manufacture in accordance with MIL-5015 and VG95234.
Common applications include automation, machines toll, robotics, instrumentation,
process control, material handling, and test & measurements.
Features of the Amphenol® ACA-B reverse bayonet coupling connectors with MIL-
5015 insert patterns:
• Quick positive coupling; Audible and tactile indication of full coupling
• Waterproof
• No lockwiring required
• High shock and vibration capabilities
• Inserts available in Neoprene material (alternate insert materials available upon
request)
• Operating temperature range with Neoprene inserts: -55°C to +125°C
• Available in both crimp and solder terminations
• Contacts available in gold and silver plating
• Numerous finishes available, Zinc alloy plating (cadmium free) available
• Rugged construction aluminum or stainless steel components
• Intermateable with existing VG95234 connectors
• 500 coupling minimum
See online (www.amphenol-industrial.com) or ask for Amphenol catalog 12-027,
ACA-B Reverse Bayonet Connectors.
Amphe-PowerTM 5015 Connectors
Amphenol offers the MIL-5015 connector family that can be enhanced
with high amperage RADSOK® contacts. They use the AC threaded shells
which are a MIL-5015 type.
Design characteristics of the Amphe-Power 5015 connectors are:
• The RADSOK contact handles up to 150% higher amperages than standard
contacts
• The RADSOK contact has a twisted hyperbolic, stamped grid configuration
within the socket. This design ensures a large, coaxial, face-to-face surface area
engagement. As male pin is inserted, axial members in the female half deflect,
imparting high current flow across the connection with minimal voltage loss.
• Contact arrangements have RADSOK sockets in sizes 0, 4 and 8 with standard
contacts in sizes 16 and 12.
The contacts available in RADSOK and the amperages are as follows:
• Size 8 AWG can handle currents up to 69 amps.
• Size 4 AWG can handle currents up to 120 amps.
• Size 0 AWG can handle currents up to 250 amps.
• For availability of size 12 RADSOK that handles currents
up to 35 amps, consult Amphenol.)
The RADSOK design - socket
cylinder within female contact
has twisted hyperbolic grid.
Provides higher amperage capa-
bilities with low insertion force
and low temperature rise.
• AC threaded 5015 styles include: solid shell for general, non-
environmental applications; pressurized style for use on
pressurized bulkheads or pressure barriers; environmental
resisting style with strain relief; lighter weight and shorter
environmental resisting style
See online (www.amphenol-industrial.com) or ask for Amphe-
nol brochure SL-391, Amphe-Power Connectors with RAD-
SOK® technology.
other SAE AS50151 type connectors
from Amphenol, cont.
Amphenol offers the SAE AS50151 connector family that can be enhanced with
high amperage RADSOK® contacts. They use the AC threaded shells which are a
SAE AS50151 type.
ACA-B Reverse Bayonet Connectors with SAE AS50151 Inserts
The ACA-B is designed for commercial and Industrial environments requiring a
rugged bayonet style connector for heavy duty power and signal applications.
A comprehensive selection of insert arrangements and accessory hardware
configurations are featured to accommodate heavy-duty, commercial wire
and able. ACA-B is manufacture in accordance with SAE AS50151 and
VG95234. Common applications include automation, machines toll, robotics,
instrumentation, process control, material handling, and test & measurements.
Features of the Amphenol® ACA-B reverse bayonet coupling connectors with
SAE AS50151 insert patterns:
See online (www.amphenol-industrial.com) or ask for Amphenol catalog IC-4 GT/ACA-B Reverse Bayonet Connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com