Electronic Components Datasheet Search
  English  ▼

X  

24-7 Datasheet(PDF) 22 Page - Amphenol Corporation

Part # 24-7
Description  Amphenol 97 Series Connectors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

24-7 Datasheet(HTML) 22 Page - Amphenol Corporation

Back Button 24-7 Datasheet HTML 18Page - Amphenol Corporation 24-7 Datasheet HTML 19Page - Amphenol Corporation 24-7 Datasheet HTML 20Page - Amphenol Corporation 24-7 Datasheet HTML 21Page - Amphenol Corporation 24-7 Datasheet HTML 22Page - Amphenol Corporation 24-7 Datasheet HTML 23Page - Amphenol Corporation 24-7 Datasheet HTML 24Page - Amphenol Corporation 24-7 Datasheet HTML 25Page - Amphenol Corporation 24-7 Datasheet HTML 26Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
20
97 series crimp type
specifications, insert availability,
alternate insert positioning
Specifications
Standard shell finish - clear chromate over cadmium plate
(optional plating available, see how to order page 27).
Inserts - molded of a 94V-O Underwriters Laboratory rated
material.
Contacts - copper alloy formed, silver plated (gold plating is
also available, see how to order page 28).
Wire sizes - 12 AWG through 30 AWG.
All constructions perform satisfactorily from –55°C to
+125°C ( –67°F to +257°F).
Insert Availability
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
12
16
10SL-3
3
1/16 1.57
A
3
10SL-4
2
1/16 1.57
A
2
12S-3
2
1/16 1.57
A
2
14S-1
3
1/16 1.57
A
3
14S-2
4
INST.
4
14S-5
5
INST.
5
14S-7
3
1/16 1.57
A
3
16S-1
7
1/16 1.57
A
7
16S-8
5
1/16 1.57
A
5
18-1
10
1/16 1.57
A
4
INST.
6
18-4
4
1/8
3.18
D
4
18-11
5
1/16 1.57
A
5
18-12
6
1/16 1.57
A
6
18-19
10
1/16 1.57
A
10
18-20
5
1/16 1.57
A
5
20-4
4
1/8
3.18
D
4
20-7
8
1/8
3.18
D
4
1/16 1.57
A
4
20-27
14
1/16 1.57
A
14
20-29
17
1/16 1.57
A
17
22-14
19
1/16 1.57
A
19
24-2
7
1/8
3.18
D
7
28-11
22
1/16 1.57
A
4
18
28-12
26
1/16 1.57
A
26
28-20
14
1/16 1.57
A
10
4
28-21
37
1/16 1.57
A
37
32-414
52
1/16 1.57
A
52
36-10
48
1/16 1.57
A
48
* Rotates opposite above illustration.
Alternate Insert Positioning
Insert
Arrangement
Degrees
WX
Y
Z
12S-3
70
145
215
290
14S-2
14S-5
14S-7
–
–
90
120
110
180
240
–
270
–
–
–
16S-1
16S-8
80
–
–
170
–
265
280
–
18-1
18-4
18-11
18-12
18-19
18-20
70
35
–
80
–
90
145
110
170
–
120
180
215
250
265
–
240
270
290
325
–
280
–
–
20-4
20-7
20-27
20-29
45
80
35
80
110
110
110
–
250
250
250
–
–
280
325
280
22-14
80
–
–
280
24-2
80
–
–
280
28-9
28-11
28-12
28-20
28-21
80
80
90
80
80
110
110
180
110
110
250
250
270
250
250
280
280
–
280
280
32-8
32-414*
80
80*
125
110*
235
250*
280
280*
36-10
80
125
235
280
WZ
XY
normal
FRONT FACE OF PIN INSERT
CL
97 series crimp type
specifications, insert availability,
alternate insert positioning
Specifications
Standard shell finish - clear chromate over cadmium plate
(optional plating available, see how to order page 27).
Inserts - molded of a 94V-O Underwriters Laboratory rated
material.
Contacts - copper alloy formed, silver plated (gold plating is
also available, see how to order page 28).
Wire sizes - 12 AWG through 30 AWG.
All constructions perform satisfactorily from –55°C to
+125°C ( –67°F to +257°F).
Insert Availability
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
12
16
10SL-3
3
1/16 1.57
A
3
10SL-4
2
1/16 1.57
A
2
12S-3
2
1/16 1.57
A
2
14S-1
3
1/16 1.57
A
3
14S-2
4
INST.
4
14S-5
5
INST.
5
14S-7
3
1/16 1.57
A
3
16S-1
7
1/16 1.57
A
7
16S-8
5
1/16 1.57
A
5
18-1
10
1/16 1.57
A
4
INST.
6
18-4
4
1/8
3.18
D
4
18-11
5
1/16 1.57
A
5
18-12
6
1/16 1.57
A
6
18-19
10
1/16 1.57
A
10
18-20
5
1/16 1.57
A
5
20-4
4
1/8
3.18
D
4
20-7
8
1/8
3.18
D
4
1/16 1.57
A
4
20-27
14
1/16 1.57
A
14
20-29
17
1/16 1.57
A
17
22-14
19
1/16 1.57
A
19
24-2
7
1/8
3.18
D
7
28-11
22
1/16 1.57
A
4
18
28-12
26
1/16 1.57
A
26
28-20
14
1/16 1.57
A
10
4
28-21
37
1/16 1.57
A
37
32-414
52
1/16 1.57
A
52
36-10
48
1/16 1.57
A
48
* Rotates opposite above illustration.
Alternate Insert Positioning
Insert
Arrangement
Degrees
WX
Y
Z
12S-3
70
145
215
290
14S-2
14S-5
14S-7
–
–
90
120
110
180
240
–
270
–
–
–
16S-1
16S-8
80
–
–
170
–
265
280
–
18-1
18-4
18-11
18-12
18-19
18-20
70
35
–
80
–
90
145
110
170
–
120
180
215
250
265
–
240
270
290
325
–
280
–
–
20-4
20-7
20-27
20-29
45
80
35
80
110
110
110
–
250
250
250
–
–
280
325
280
22-14
80
–
–
280
24-2
80
–
–
280
28-9
28-11
28-12
28-20
28-21
80
80
90
80
80
110
110
180
110
110
250
250
270
250
250
280
280
–
280
280
32-8
32-414*
80
80*
125
110*
235
250*
280
280*
36-10
80
125
235
280
WZ
XY
normal
FRONT FACE OF PIN INSERT
CL
97 series crimp type
specifications, insert availability,
alternate insert positioning
Specifications
Standard shell finish - clear chromate over cadmium plate
(optional plating available, see how to order page 27).
Inserts - molded of a 94V-O Underwriters Laboratory rated
material.
Contacts - copper alloy formed, silver plated (gold plating is
also available, see how to order page 28).
Wire sizes - 12 AWG through 30 AWG.
All constructions perform satisfactorily from –55°C to
+125°C ( –67°F to +257°F).
Insert Availability
Insert
Number
Total
Contacts
Mechanical
Spacing
Service
Rating
Contact Size
Inches mm
12
16
10SL-3
3
1/16 1.57
A
3
10SL-4
2
1/16 1.57
A
2
12S-3
2
1/16 1.57
A
2
14S-1
3
1/16 1.57
A
3
14S-2
4
INST.
4
14S-5
5
INST.
5
14S-7
3
1/16 1.57
A
3
16S-1
7
1/16 1.57
A
7
16S-8
5
1/16 1.57
A
5
18-1
10
1/16 1.57
A
4
INST.
6
18-4
4
1/8
3.18
D
4
18-11
5
1/16 1.57
A
5
18-12
6
1/16 1.57
A
6
18-19
10
1/16 1.57
A
10
18-20
5
1/16 1.57
A
5
20-4
4
1/8
3.18
D
4
20-7
8
1/8
3.18
D
4
1/16 1.57
A
4
20-27
14
1/16 1.57
A
14
20-29
17
1/16 1.57
A
17
22-14
19
1/16 1.57
A
19
24-2
7
1/8
3.18
D
7
28-11
22
1/16 1.57
A
4
18
28-12
26
1/16 1.57
A
26
28-20
14
1/16 1.57
A
10
4
28-21
37
1/16 1.57
A
37
32-414
52
1/16 1.57
A
52
36-10
48
1/16 1.57
A
48
* Rotates opposite above illustration.
Alternate Insert Positioning
Insert
Arrangement
Degrees
WX
Y
Z
12S-3
70
145
215
290
14S-2
14S-5
14S-7
–
–
90
120
110
180
240
–
270
–
–
–
16S-1
16S-8
80
–
–
170
–
265
280
–
18-1
18-4
18-11
18-12
18-19
18-20
70
35
–
80
–
90
145
110
170
–
120
180
215
250
265
–
240
270
290
325
–
280
–
–
20-4
20-7
20-27
20-29
45
80
35
80
110
110
110
–
250
250
250
–
–
280
325
280
22-14
80
–
–
280
24-2
80
–
–
280
28-9
28-11
28-12
28-20
28-21
80
80
90
80
80
110
110
180
110
110
250
250
270
250
250
280
280
–
280
280
32-8
32-414*
80
80*
125
110*
235
250*
280
280*
36-10
80
125
235
280
WZ
XY
normal
FRONT FACE OF PIN INSERT
CL
Standard shell finish - bright chromate over clear cadmium
plate (optional plating available, see how to order page 25).
Inserts - molded of a 94V-O Underwriters Laboratory
rated material.
Contacts - copper alloy formed, silver plated (gold plating is
also available, see how to order page 25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com