Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF52 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC32RF52
Description  ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF52 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC32RF52 Datasheet HTML 4Page - Texas Instruments ADC32RF52 Datasheet HTML 5Page - Texas Instruments ADC32RF52 Datasheet HTML 6Page - Texas Instruments ADC32RF52 Datasheet HTML 7Page - Texas Instruments ADC32RF52 Datasheet HTML 8Page - Texas Instruments ADC32RF52 Datasheet HTML 9Page - Texas Instruments ADC32RF52 Datasheet HTML 10Page - Texas Instruments ADC32RF52 Datasheet HTML 11Page - Texas Instruments ADC32RF52 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
6.7 Electrical Characteristics - AC Specifications (Dither DISABLED)
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 1.5 GSPS, Bypass mode, 50% clock duty cycle, AVDD18 =
1.8 V, AVDD12, AVDDCLK, DVDD = 1.2 V, –1-dBFS differential input and dither DISABLED, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NSD
Noise Spectral Density
fIN = 900 MHz, AIN = -20 dBFS
no averaging
–153.2
dBFS/Hz
fIN = 900 MHz, AIN = -20 dBFS
2x averaging
–156.0
fIN = 900 MHz, AIN = -20 dBFS
4x averaging
–158.6
NF
Noise Figure
fIN = 900 MHz, AIN = -20 dBFS
no averaging
22.1
dB
fIN = 900 MHz, AIN = -20 dBFS
2x averaging
21.0
fIN = 900 MHz, AIN = -20 dBFS
4x averaging
20.2
SNR
Signal-to-noise ratio
no averaging
fIN = 100 MHz
64.1
dBFS
fIN = 600 MHz
64.1
fIN = 900 MHz
61.5
63.9
fIN = 900 MHz, Ain = -20 dBFS
65.1
fIN = 1.4 GHz
63.6
Signal-to-noise ratio
2x averaging
fIN = 100 MHz
66.5
fIN = 600 MHz
66.6
fIN = 900 MHz
66.3
fIN = 900 MHz, Ain = -20 dBFS
67.9
fIN = 1.4 GHz
65.9
Signal-to-noise ratio
4x averaging
fIN = 100 MHz
69.3
fIN = 600 MHz
69.2
fIN = 900 MHz
68.5
fIN = 900 MHz, Ain = -20 dBFS
69.9
fIN = 1.4 GHz
65.9
SINAD
Signal to noise and distortion
ratio
fIN = 100 MHz
60.6
dBFS
fIN = 600 MHz
62.2
fIN = 900 MHz
62.1
fIN = 900 MHz, Ain = -20 dBFS
62.1
fIN = 1.4 GHz
62.0
ENOB
Effective number of bits
fIN = 100 MHz
10.4
Bits
fIN = 600 MHz
10.4
fIN = 900 MHz
10.3
fIN = 900 MHz, Ain = -20 dBFS
10.5
fIN = 1.4 GHz
10.3
THD
Total Harmonic Distortion (First
five harmonics)
fIN = 100 MHz
64
dBc
fIN = 600 MHz
67
fIN = 900 MHz
67
fIN = 900 MHz, Ain = -20 dBFS
65
fIN = 1.4 GHz
68
ADC32RF52
SBASAI6 – SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC32RF52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com