Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX121 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX121 Datasheet HTML 1Page - Texas Instruments TMUX121 Datasheet HTML 2Page - Texas Instruments TMUX121 Datasheet HTML 3Page - Texas Instruments TMUX121 Datasheet HTML 4Page - Texas Instruments TMUX121 Datasheet HTML 5Page - Texas Instruments TMUX121 Datasheet HTML 6Page - Texas Instruments TMUX121 Datasheet HTML 7Page - Texas Instruments TMUX121 Datasheet HTML 8Page - Texas Instruments TMUX121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
4.0
V
VEN or VSEL
Logic control input pin current (SEL, EN)
–0.5
4.0
V
VD or VS
Source or drain voltage (Sx, Dx)
–0.5
5.5
V
Tstg
Storage temperature
–65
150
°C
TJ
Junction temperature
–40
125
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent device damage. Absolute Maximum Rating do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Condition. If
used outside the Recommended Operating Condition but within the Absolute Maximum Rating, the device may not be fully functional,
and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±5000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Power Supply voltage
3.0
3.3
3.6
V
VDDRAMP
Power Supply voltage ramp time
0.1
100
ms
VD or VS
Source or drain voltage (Sx, Dx)
0
3.6
V
VEN or VSEL
Logic control input pin current (SEL, EN)
0
3.6
V
IS or ID (cont)
Source or drain continuous current (Sx, Dx)
90
mA
TA
Operating free-air/ambient temperature
-40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
TMUX121
UNIT
NKG (UQFN)
10 PINS
RθJA
Junction-to-ambient thermal resistance - High K
225.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93.5
°C/W
RθJB
Junction-to-board thermal resistance
147.5
°C/W
ψJT
Junction-to-top characterization parameter
3.4
°C/W
ψJB
Junction-to-board characterization parameter
147.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TMUX121
SCDS381 – AUGUST 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com