Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX121 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX121 Datasheet HTML 3Page - Texas Instruments TMUX121 Datasheet HTML 4Page - Texas Instruments TMUX121 Datasheet HTML 5Page - Texas Instruments TMUX121 Datasheet HTML 6Page - Texas Instruments TMUX121 Datasheet HTML 7Page - Texas Instruments TMUX121 Datasheet HTML 8Page - Texas Instruments TMUX121 Datasheet HTML 9Page - Texas Instruments TMUX121 Datasheet HTML 10Page - Texas Instruments TMUX121 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7 Detailed Description
7.1 Overview
The TMUX121 is an analog passive 2 channel 2:1 (SPDT) that can work for any low-speed, high-speed,
differential or single ended signals. Excellent low capacitance characteristics of the device allow signal switching
with minimal attenuation and very little added jitter. The signals must be within the allowable voltage range of 0
to 3.6 V.
7.2 Functional Block Diagram
Charge
Pump
D1
D2
S1A
S2A
S1B
S2B
SEL
EN
VDD
GND
7.3 Feature Description
7.3.1 Enable and Low Power Mode
The TMUX121 can be placed in a power saving mode by pulling EN high. This reduces the supply power
consumption from 12 µA to 1.5 µA. which is extremely beneficial for systems where saving power is critical.
7.4 Device Functional Modes
Table 7-1. Mux Configuration Control Logic for TMUX121 (1)
SEL
EN
Mux Configuration
L
L
D to SA
H
L
D to SB
X
H
All channels are disabled and Hi-Z
(1)
The TMUX121 can tolerate polarity inversions for differential signals. Keep the polarity consistent
for all differential pairs.
www.ti.com
TMUX121
SCDS381 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com