Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX121 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX121 Datasheet HTML 1Page - Texas Instruments TMUX121 Datasheet HTML 2Page - Texas Instruments TMUX121 Datasheet HTML 3Page - Texas Instruments TMUX121 Datasheet HTML 4Page - Texas Instruments TMUX121 Datasheet HTML 5Page - Texas Instruments TMUX121 Datasheet HTML 6Page - Texas Instruments TMUX121 Datasheet HTML 7Page - Texas Instruments TMUX121 Datasheet HTML 8Page - Texas Instruments TMUX121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
5 Pin Configuration and Functions
7
S1B
6
S2B
1
D1
2
D2
Not to scale
Figure 5-1. TMUX121 NKG Package, 10-Pin UQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
D1
1
I/O
Drain pin 1. Can be an input or output.
D2
2
I/O
Drain pin 2. Can be an input or output.
S1A
5
I/O
Source pin 1A. Can be an input or output.
S2A
4
I/O
Source pin 2A. Can be an input or output.
S1B
7
I/O
Source pin 1B. Can be an input or output.
S2B
6
I/O
Source pin 2B. Can be an input or output.
SEL
10
IN
Switch logic control input. Controls the switch connection as provided in Table 7-1.
EN
8
IN
Active low enable input. Controls the switch connection as provided in Table 7-1.
VDD
9
P
3.3 V power supply
GND
3
G
Ground
(1)
IN = input, I/O = input or output, P = power, G = ground
www.ti.com
TMUX121
SCDS381 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com