Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX121 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX121 Datasheet HTML 2Page - Texas Instruments TMUX121 Datasheet HTML 3Page - Texas Instruments TMUX121 Datasheet HTML 4Page - Texas Instruments TMUX121 Datasheet HTML 5Page - Texas Instruments TMUX121 Datasheet HTML 6Page - Texas Instruments TMUX121 Datasheet HTML 7Page - Texas Instruments TMUX121 Datasheet HTML 8Page - Texas Instruments TMUX121 Datasheet HTML 9Page - Texas Instruments TMUX121 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6.7 Typical Characteristics
Frequency(Hz)
-6
-5
-4
-3
-2
-1
0
1M
10M
100M
1G
Figure 6-1. Typical Differential Bandwidth vs Frequency
VS or VD - Source or Drain Voltage (V)
0
0.6
1.2
1.8
2.4
3
3.6
1.5
3
4.5
6
7.5
9
Figure 6-2. RON vs Common Mode Voltage VCM
TMUX121
SCDS381 – AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com