Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX121 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX121 Datasheet HTML 1Page - Texas Instruments TMUX121 Datasheet HTML 2Page - Texas Instruments TMUX121 Datasheet HTML 3Page - Texas Instruments TMUX121 Datasheet HTML 4Page - Texas Instruments TMUX121 Datasheet HTML 5Page - Texas Instruments TMUX121 Datasheet HTML 6Page - Texas Instruments TMUX121 Datasheet HTML 7Page - Texas Instruments TMUX121 Datasheet HTML 8Page - Texas Instruments TMUX121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Switching Characteristics............................................5
6.7 Typical Characteristics ............................................... 6
7 Detailed Description........................................................7
7.1 Overview..................................................................... 7
7.2 Functional Block Diagram........................................... 7
7.3 Feature Description.....................................................7
7.4 Device Functional Modes............................................7
8 Application and Implementation.................................... 8
8.1 Application Information............................................... 8
8.2 Typical Applications.................................................... 8
8.3 Power Supply Recommendations...............................9
8.4 Layout......................................................................... 9
9 Device and Documentation Support............................11
9.1 Related Documentation.............................................11
9.2 Receiving Notification of Documentation Updates.... 11
9.3 Support Resources................................................... 11
9.4 Trademarks............................................................... 11
9.5 Electrostatic Discharge Caution................................ 11
9.6 Glossary.................................................................... 11
10 Mechanical, Packaging, and Orderable
Information.................................................................... 11
4 Revision History
DATE
REVISION
NOTES
August 2023
*
Initial Release
TMUX121
SCDS381 – AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com