Electronic Components Datasheet Search
  English  ▼

X  

TMUX121 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMUX121
Description  TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX121 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX121 Datasheet HTML 10Page - Texas Instruments TMUX121 Datasheet HTML 11Page - Texas Instruments TMUX121 Datasheet HTML 12Page - Texas Instruments TMUX121 Datasheet HTML 13Page - Texas Instruments TMUX121 Datasheet HTML 14Page - Texas Instruments TMUX121 Datasheet HTML 15Page - Texas Instruments TMUX121 Datasheet HTML 16Page - Texas Instruments TMUX121 Datasheet HTML 17Page - Texas Instruments TMUX121 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
6X (0.6)
10X (0.2)
6X (0.4)
(1.1)
(1.6)
(R0.05) TYP
4X (0.7)
UQFN - 0.55 mm max height
NKG0010A
PLASTIC QUAD FLATPACK - NO LEAD
4228479/A 02/2022
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.1 MM THICK STENCIL
SCALE: 30X
SYMM
1
2
3
5
6
7
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com