Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 5 Page - Analog Devices

  AD8129ARM Datasheet HTML 1Page - Analog Devices AD8129ARM Datasheet HTML 2Page - Analog Devices AD8129ARM Datasheet HTML 3Page - Analog Devices AD8129ARM Datasheet HTML 4Page - Analog Devices AD8129ARM Datasheet HTML 5Page - Analog Devices AD8129ARM Datasheet HTML 6Page - Analog Devices AD8129ARM Datasheet HTML 7Page - Analog Devices AD8129ARM Datasheet HTML 8Page - Analog Devices AD8129ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD8129/AD8130
Rev. C | Page 5 of 40
±5 V SPECIFICATIONS
AD8129 G = +10, AD8130 G = +1, TA = 25°C, VS = ±5 V, REF = 0 V, PD ≥ VIH, RL = 1 kΩ, CL = 2 pF, unless otherwise noted. TMIN to TMAX
= −40°C to +125°C, unless otherwise noted.
Table 2.
AD8129
AD8130
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT ≤ 0.3 V p-p
175
200
240
270
MHz
VOUT = 2 V p-p
170
190
140
155
MHz
Bandwidth for 0.1 dB
Flatness
VOUT ≤ 0.3 V p-p,
SOIC/MSOP
30/50
45
MHz
Slew Rate
VOUT = 2 V p-p,
25% to 75%
925
1060
950
1090
V/μs
Settling Time
VOUT = 2 V p-p, 0.1%
20
20
ns
Rise and Fall Times
VOUT ≤ 1 V p-p,
10% to 90%
1.7
1.4
ns
Output Overdrive Recovery
30
40
ns
NOISE/DISTORTION
Second Harmonic/Third
Harmonic
VOUT = 1 V p-p, 5 MHz
−74/−84
−79/−86
dBc
VOUT = 2 V p-p, 5 MHz
−68/−74
−74/−81
dBc
VOUT = 1 V p-p, 10 MHz
−67/−81
−74/−80
dBc
VOUT = 1 V p-p, 10 MHz
−61/−70
−74/−76
dBc
IMD
VOUT = 2 V p-p, 10 MHz
−67
−70
dBc
Output IP3
VOUT = 2 V p-p, 10 MHz
25
26
dBm
Input Voltage Noise (RTI)
f ≥ 10 kHz
4.5
12.5
nV/√Hz
Input Current Noise
(+IN, −IN)
f ≥ 100 kHz
1
1
pA/√Hz
Input Current Noise
(REF, FB)
f ≥ 100 kHz
1.4
1.4
pA/√Hz
Differential Gain Error
AD8130, G = +2, NTSC
200 IRE, RL ≥ 150 Ω
0.3
0.13
%
Differential Phase Error
AD8130, G = +2, NTSC
200 IRE, RL ≥ 150 Ω
0.1
0.15
Degrees
INPUT CHARACTERISTICS
Common-Mode Rejection
Ratio
DC to 100 kHz,
VCM = −3 V to +3.5 V
94
110
90
110
dB
VCM = 1 V p-p @ 2 MHz
80
80
dB
VCM = 1 V p-p @ 10 MHz
70
70
dB
CMRR with VOUT = 1 V p-p
VCM = 2 V p-p @ 1 kHz,
VOUT = ±0.5 V dc
100
83
dB
Common-Mode Voltage
Range
V+IN − V−IN = 0 V
±3.5
±3.8
V
Differential Operating
Range
±0.5
±2.5
V
Differential Clipping Level
±0.6
±0.75
±0.85
±2.3
±2.8
±3.3
V
Resistance
Differential
1
6
MΩ
Common mode
4
4
MΩ
Capacitance
Differential
3
3
pF
Common mode
4
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com