Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 12Page - Analog Devices AD8129ARM Datasheet HTML 13Page - Analog Devices AD8129ARM Datasheet HTML 14Page - Analog Devices AD8129ARM Datasheet HTML 15Page - Analog Devices AD8129ARM Datasheet HTML 16Page - Analog Devices AD8129ARM Datasheet HTML 17Page - Analog Devices AD8129ARM Datasheet HTML 18Page - Analog Devices AD8129ARM Datasheet HTML 19Page - Analog Devices AD8129ARM Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD8129/AD8130
Rev. C | Page 16 of 40
AD8130 HARMONIC DISTORTION CHARACTERISTICS
RL = 1 kΩ, CL = 2 pF, TA = 25°C, unless otherwise noted.
VS = ±12V
1
–90
–84
–78
–72
–66
–60
40
FREQUENCY (MHz)
10
VOUT = 1V p-p
G = +1
G = +2
VS = ±12V
VS = ±5V
Figure 41. AD8130 Second Harmonic Distortion vs. Frequency
G = +2
1
–84
–78
–72
–66
–60
–54
40
FREQUENCY (MHz)
10
VOUT = 2V p-p
G = +1
VS = ±5V
VS = ±12V
VS = ±5V
G = +1
VS = ±12V
Figure 42. AD8130 Second Harmonic Distortion vs. Frequency
0.5
–91
–85
–79
–73
–67
–61
1
VOUT (V p-p)
10
–55
G = +2
fC = 5MHz
G = +1
VS = ±5V
VS = ±12V
VS = ±5V
VS = ±12V
Figure 43. AD8130 Second Harmonic Distortion vs. Output Voltage
1
–99
–93
–87
–81
–75
–69
10
FREQUENCY (MHz)
40
–63
–57
–51
G = +1
VS = ±5V
VS = ±5V
G = +2
G = +1
G = +1
VS = ±12V
VOUT = 1V p-p
VS = ±12V
Figure 44. AD8130 Third Harmonic Distortion vs. Frequency
1
–93
–87
–81
–75
–69
–63
10
FREQUENCY (MHz)
40
–57
–51
–45
G = +1
VOUT = 2V p-p
G = +2
VS = ±5V
G = +2, VS = ±12V
G = +2, VS = ±5V
VS = ±12V
Figure 45. AD8130 Third Harmonic Distortion vs. Frequency
0.5
–94
–88
–82
–76
–70
–64
1
VOUT (V p-p)
10
–58
–52
–46
G = +1
fC = 5MHz
VS = ±12V
VS = ±5V
G = +2
VS = ±12V
VS = ±5V
Figure 46. AD8130 Third Harmonic Distortion vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com