Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 31 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 27Page - Analog Devices AD8129ARM Datasheet HTML 28Page - Analog Devices AD8129ARM Datasheet HTML 29Page - Analog Devices AD8129ARM Datasheet HTML 30Page - Analog Devices AD8129ARM Datasheet HTML 31Page - Analog Devices AD8129ARM Datasheet HTML 32Page - Analog Devices AD8129ARM Datasheet HTML 33Page - Analog Devices AD8129ARM Datasheet HTML 34Page - Analog Devices AD8129ARM Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AD8129/AD8130
Rev. C | Page 31 of 40
VOUT = 100mV
AC AT 1kHz
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
–50
–35
–20
–51025
4055
7085
100
TEMPERATURE (°C)
AD8130
AD8129
AD8130
AD8129
VS = 5V
Figure 125. Common-Mode Voltage Range vs. Temperature,
Typical 1% Gain Compression
TEMPERATURE (°C)
4.00
–50
3.75
3.50
3.25
3.00
2.75
–3.00
–3.25
–3.50
–3.75
–4.00
–35
–20
–5
10
25
40
55
70
85
100
AD8130
AD8129

AD8130
AD8129
VS = ±5V
VOUT = 100mV
AC AT 1kHz
Figure 126. Common-Mode Voltage Range vs. Temperature,
Typical 1% Gain Compression
TEMPERATURE (°C)
11.0
–50
10.5
10.0
9.5
9.0
8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–35
–20
–5
10
25
40
55
70
85
100
AD8130
AD8129
VS = ±12V
AD8130
AD8129
VOUT = 100mV
AC AT 1kHz
Figure 127. Common-Mode Voltage Range vs. Temperature,
Typical 1% Gain Compression
OUTPUT CURRENT (mA)
4.0
0
3.5
3.0
2.0
1.5
1.0
5
1015202530
3540
SINKING
VS = 5V
SOURCING
VOUT = 100mV
AC AT 1kHz
+25°C
–40°C
+100°C
Figure 128. Output Voltage Range vs. Output Current,
Typical 1% Gain Compression
OUTPUT CURRENT (mA)
4.0
0
3.5
3.0
–3.0
–3.5
–4.0
40
VS = ±5V
VOUT = 100mV
AC AT 1kHz
5
101520
2530
35
+25°C
–40°C
+100°C
Figure 129. Output Voltage Range vs. Output Current,
Typical 1% Gain Compression
OUTPUT CURRENT (mA)
11
0
10
9
–9
–10
–11
5
1015202530
3540
VS = ±12V
+25°C
–40°C
+100°C
Figure 130. Output Voltage Range vs. Output Current,
Typical 1% Gain Compression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com