Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 10Page - Analog Devices AD8129ARM Datasheet HTML 11Page - Analog Devices AD8129ARM Datasheet HTML 12Page - Analog Devices AD8129ARM Datasheet HTML 13Page - Analog Devices AD8129ARM Datasheet HTML 14Page - Analog Devices AD8129ARM Datasheet HTML 15Page - Analog Devices AD8129ARM Datasheet HTML 16Page - Analog Devices AD8129ARM Datasheet HTML 17Page - Analog Devices AD8129ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD8129/AD8130
Rev. C | Page 14 of 40
FREQUENCY (MHz)
300
100
10
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
RL = 150Ω
VS = ±2.5V
VS = ±5V
VS = ±12V
Figure 29. AD8129 Frequency Response vs. Supply, RL = 150 Ω
FREQUENCY (MHz)
300
100
1
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
G = +20
VOUT = 0.3V p-p
VS = ±5V, ±12V
VS = ±2.5V
10
Figure 30. AD8129 Frequency Response vs. Supply,
G = +20, VOUT = 0.3 V p-p
FREQUENCY (MHz)
300
100
1
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
10
G = +20
VOUT = 2V p-p
VS = ±2.5V
VS = ±5V, ±12V
Figure 31. AD8129 Frequency Response vs. Supply,
G = +20, VOUT = 2 V p-p
FREQUENCY (MHz)
300
100
110
0.8
0.6
0.4
0.2
0
–0.2
0.2
0
–0.2
–0.4
–0.6
G = +10
VS = ±5V
2k
Ω/221Ω
909
Ω/100Ω
499
Ω/54.9Ω
2k
Ω/221Ω
909
Ω/100Ω
499
Ω/54.9Ω
SOIC
μSOIC
Figure 32. AD8129 Fine Scale Response vs. SOIC and MSOP
for Various RF/RG
FREQUENCY (MHz)
30
110
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
G = +20
RL = 1kΩ
VS = ±2.5V
VS = ±5V
VS = ±12V
Figure 33. AD8129 Fine Scale Response vs. Supply
FREQUENCY (MHz)
30
110
0.1
0.3
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
G = +20
RL = 150Ω
VS = ±5V, ±12V
VS = ±2.5V
Figure 34. AD8129 Fine Scale Response vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com