Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 30 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 26Page - Analog Devices AD8129ARM Datasheet HTML 27Page - Analog Devices AD8129ARM Datasheet HTML 28Page - Analog Devices AD8129ARM Datasheet HTML 29Page - Analog Devices AD8129ARM Datasheet HTML 30Page - Analog Devices AD8129ARM Datasheet HTML 31Page - Analog Devices AD8129ARM Datasheet HTML 32Page - Analog Devices AD8129ARM Datasheet HTML 33Page - Analog Devices AD8129ARM Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD8129/AD8130
Rev. C | Page 30 of 40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
OUTPUT VOLTAGE (V)
G = +10
VS = ±5V
RL = 1kΩ
Figure 119. AD8129 Gain Nonlinearity, VOUT = 2 V p-p
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
G = +10
VS = ±12V
RL = 1kΩ
Figure 120. AD8129 Gain Nonlinearity, VOUT = 10 V p-p
8
4
0
–4
–8
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
DIFFERENTIAL INPUT (V)
6
2
–2
–6
VS = ±10V
Figure 121. AD8129 Differential Input Clipping Level
TOTAL SUPPLY VOLTAGE (V)
15
9
030
10
15
20
25
14
13
12
11
10
5
Figure 122. Quiescent Power Supply Current vs. Total Supply Voltage
TEMPERATURE (°C)
17
–50
16
15
14
13
12
11
10
9
8
7
–35 –20
–5
10
25
40
55
70
85
100
VS = ±2.5
VS =±5
VS = ±12
115 125
Figure 123. Quiescent Power Supply Current vs. Temperature
TEMPERATURE (°C)
0.60
0.15
–50
0.45
0.30
–35
–20
–5
10
25
40
55
70
85
100
40
10
30
20
IB
IOS
Figure 124. Input Bias Current and Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com