Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 14Page - Analog Devices AD8129ARM Datasheet HTML 15Page - Analog Devices AD8129ARM Datasheet HTML 16Page - Analog Devices AD8129ARM Datasheet HTML 17Page - Analog Devices AD8129ARM Datasheet HTML 18Page - Analog Devices AD8129ARM Datasheet HTML 19Page - Analog Devices AD8129ARM Datasheet HTML 20Page - Analog Devices AD8129ARM Datasheet HTML 21Page - Analog Devices AD8129ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD8129/AD8130
Rev. C | Page 18 of 40
AD8129 HARMONIC DISTORTION CHARACTERISTICS
RL = 1 kΩ, CL = 2 pF, TA = 25°C, unless otherwise noted.
FREQUENCY (MHz)
–51
1
–57
–63
–69
–75
–81
–87
10
40
VOUT = 1V p-p
G = +10,
VS = ±12V
G = +20,
VS = ±12V
G = +10,
VS = ±5V
G = +20,
VS = ±5V
Figure 50. AD8129 Second Harmonic Distortion vs. Frequency
FREQUENCY (MHz)
–42
1
–48
–54
–60
–66
–72
–78
10
40
VOUT = 2V p-p
–84
G = +10
G = +20
G = +10,
VS = ±12V
G = +20,
VS = ±12V
G = +10,
VS = ±5V
G = +20,
VS = ±5V
Figure 51. AD8129 Second Harmonic Distortion vs. Frequency
VOUT (V p-p)
1
10
–62
–68
–74
–80
–86
–56
–50
fC = 5MHz
0.5
G = +10,
VS = ±12V
G = +20,
VS = ±12V
G = +10,
VS = ±5V
G = +20,
VS = ±5V
Figure 52. AD8129 Second Harmonic Distortion vs. Output Voltage
FREQUENCY (MHz)
1
10
40
–96
–66
–72
–78
–84
–90
–60
–54
VOUT = 1V p-p
G = +10,
VS = ±12V
G = +20,
VS = ±12V
G = +10,
VS = ±5V
G = +20,
VS = ±5V
Figure 53. AD8129 Third Harmonic Distortion vs. Frequency
FREQUENCY (MHz)
1
–45
–51
–57
–63
–69
–75
–81
–87
10
40
VOUT = 2V p-p

G = +10,
VS = ±12V
G = +20,
VS = ±12V
G = +10,
VS = ±5V
G = +20,
VS = ±5V
G = +10,
VS = ±12V
G = +10,
VS = ±5V
Figure 54. AD8129 Third Harmonic Distortion vs. Frequency
VOUT (V p-p)
–48
–84
0.5
–54
–60
–66
–72
–78
110
fC = 5MHz
–90
–96
G = +20,
VS = ±12V
G = +20,
VS = ±5V
G = +10,
VS = ±12V
G = +10,
VS = ±5V
Figure 55. AD8129 Third Harmonic Distortion vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com