Electronic Components Datasheet Search
  English  ▼

X  

AD8129ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8129ARM
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8129ARM Datasheet HTML 6Page - Analog Devices AD8129ARM Datasheet HTML 7Page - Analog Devices AD8129ARM Datasheet HTML 8Page - Analog Devices AD8129ARM Datasheet HTML 9Page - Analog Devices AD8129ARM Datasheet HTML 10Page - Analog Devices AD8129ARM Datasheet HTML 11Page - Analog Devices AD8129ARM Datasheet HTML 12Page - Analog Devices AD8129ARM Datasheet HTML 13Page - Analog Devices AD8129ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD8129/AD8130
Rev. C | Page 10 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
AD8130 FREQUENCY RESPONSE CHARACTERISTICS
G = +1, RL = 1 kΩ, CL = 2 pF, VOUT = 0.3 V p-p, TA = 25°C, unless otherwise noted.
3
0
–3
–4
–5
–6
–7
–2
–1
1
2
FREQUENCY (MHz)
1
10
100
400
VOUT = 0.3V p-p
VS = ±2.5V
VS = ±12V
VS = ±5V
Figure 5. AD8130 Frequency Response vs. Supply, VOUT = 0.3 V p-p
FREQUENCY (MHz)
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
300
VS = ±2.5V
VS = ±12V
VS = ±5V
VOUT = 1V p-p
Figure 6. AD8130 Frequency Response vs. Supply, VOUT = 1 V p-p
FREQUENCY (MHz)
1
–3
–4
–5
–6
–7
–2
–1
10
100
300
3
0
1
2
VOUT = 2V p-p
VS = ±2.5V
VS = ±12V
VS = ±5V
Figure 7. AD8130 Frequency Response vs. Supply, VOUT = 2 V p-p
FREQUENCY (MHz)
6
1
3
0
–1
–2
–3
–4
1
2
4
5
10
100
300
CL = 2pF
VS = ±5V
CL = 20pF
CL = 10pF
CL = 5pF
Figure 8. AD8130 Frequency Response vs. Load Capacitance
FREQUENCY (MHz)
0.7
1
0.4
0.1
0
–0.1
–0.2
–0.3
0.2
0.3
0.5
0.6
10
100
300
VS = ±2.5V
VS = ±12V
VS = ±5V
RL = 1kΩ
Figure 9. AD8130 Fine Scale Response vs. Supply, RL = 1 kΩ
FREQUENCY (MHz)
0.5
1
0.2
–0.1
–0.2
–0.3
–0.4
–0.5
0
0.1
0.3
0.4
10
100
300
VS = ±2.5V
VS = ±12V
VS = ±5V
RL = 150Ω
Figure 10. AD8130 Fine Scale Response vs. Supply, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com