Electronic Components Datasheet Search
  English  ▼

X  

AM7808 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AM7808 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 17
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
PCB and Stencil Drawing Design Requirements
PCB Surface Finish
Amalfi Semiconductor used an electroless nickel, immersion gold PCB finish in its qualification process. The typical
thickness is 0.076µm to 0.203µm gold over 4.572µm nickel.
PCB Land Pattern Recommendation
The PCB land patterns used for the AM7808 are based on the IPC-SM-782 standards. The patterns below have been
developed and tested for optimized assembly at Amalfi. However, each company has its own specific assembly
processes and requirements and therefore may require modifications to address these items. The PCB land patterns were
designed to accommodate for the LGA’s lead and package tolerances.
Figure 6a: PCB top metal pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com