Electronic Components Datasheet Search
  English  ▼

X  

AM7808 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AM7808 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 20
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
Ordering Information
Ordering Part Number
Quantity
Description
AM7808-CLT
3,000
Quad-Band TX Dual band RX CMOS Transmit Module, Commercial – Full Tape &
Reel
AM7808-CLS
200
Quad-Band TX Dual band RX CMOS Transmit Module, Commercial – Small Tape &
Reel
AM7808-CLZ
10
Quad-Band TX Dual band RX CMOS Transmit Module, Commercial – Waffle Pack
AM7808-EVB
1
Fully Assembled Evaluation Board
Tape & Reel Specifications
Figure 7. Tape and Reel Specifications for AM7808.
Forming Format
Flatbed
Estimated Max. Length
142 meter/22B3 reel
Material
Conductive Polystyrene (IV)
© 2010
The information provided in this document is believed to be correct at the time of publication. Amalfi Semiconductor reserves the right to make
changes to its products, specifications and product descriptions at any time, without notice. Preliminary specifications are based upon a small sample
set of test data, estimates and simulation results. Amalfi makes no commitment to update the information and shall bear no responsibility for conflicts,
incompatibilities or other difficulties that may arise from future changes to its products, specifications and product descriptions. Amalfi Semiconductor
makes no warranty about the suitability of its products for specific purpose or application and disclaims all liability, including without limitation
consequential and incidental damages.
Amalfi products are not intended for medical, lifesaving or life-sustaining applications. Customers using Amalfi products for such an application do so
at their own risk and agree to indemnify Amalfi from any damages resulting from such improper use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com