Electronic Components Datasheet Search
  English  ▼

X  

AM7808 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AM7808 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 19
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
Figure 6d: Detail
Figure 6 a-d. Recommended PCB, solder mask and solder stencil. Non-solder mask Defined (NSMD) artwork assumed.
All dimensions in mm.
Thermal Pad and Via Design
Thermal vias are required for the PCB layout of the AM7808 to effectively conduct heat away from the package. The via
pattern in Figure 5b was designed with these considerations: thermal, power dissipation, and electrical requirements of
the AM7808 plus PCB routing strategies.
Amalfi Semiconductor uses a via pattern based upon thru-hole vias with 0.203mm to 0.303mm finished hole size with
0.25mm plating for on the via walls. If micro vias are implemented in a design, Amalfi recommends that the number of
vias be increased by a 4:1 ratio in order to achieve equivalent results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com