Electronic Components Datasheet Search
  English  ▼

X  

AM7808 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AM7808 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 3
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
Electrical Specifications – GSM850
Specification
Parameter
Min
Typ
Max
Unit
Condition
Overall – GSM850 Band
Nominal Conditions (unless otherwise stated)
Temperature = 25
°C, VBA T = 3.5V, PIN = 3dBm
Frequency = 824 MHz to 849 MHz
12.5% Duty Cycle, Pulse Width = 577µs, TX_EN =
ENABLE= ‘High’, SW1 = ‘Low’
Operating Frequency
824
—
849
MHz
Output Power
VRAMP up to 1.5V
Maximum Nominal
33.0
dBm
Temp= 25
°C, VBAT=3.5V
Maximum Extreme 1
30.5
dBm
Temp= 85
°C, VBAT=3.0V, PIN = 0dBm
Maximum Extreme 2
28.5
dBm
Temp= 85
°C, VBAT=2.7V, PIN = 0dBm
Power-Added Efficiency
And Supply Current
PAE at Rated Power
47
%
At POUT = 33.0dBm typ.
PAE at Maximum Power
48
%
At POUT = 33.5dBm typ.
PAE at Backed-Off Power
35
%
At POUT = 29.0dBm
Supply Current at Rated
Power
1300
mA
Peak current at POUT = 33.0dBm
TRP
POUT set to 33.0dBm into 1:1 VSWR
Output Power Variation
±1.0
dB
3:1 VSWR, all phases
Minimum Power
30.0
dBm
3:1 VSWR, all phases
Maximum Supply Current
1500
mA
3:1 VSWR, all phases
Spurious
-86
-84
dBm
RBW=100kHz, POUT ≤ 33.0dBm, PIN = 0 to 6dBm
f = 869MHz to 894MHz
Output Noise Power
-86
-84
dBm
RBW=100kHz, POUT ≤ 33.0dBm, PIN = 0 to 6dBm
f = 1930MHz to 1990MHz
Forward Isolation 1
-55
-40
dBm
TX_EN=SW1=’Low’, VRAMP = 0.18V
Forward Isolation 2
-25
-22
dBm
TX_EN=SW1=’High’, VRAMP = 0.18V
2nd thru 13th harmonic
distortion
-40
-33
dBm
All Other
Non-Harmonic Spurious
-36
dBm
POUT = 5dBm to 33.0dBm
Output Load VSWR Stability
10:1
Spurious < -36dBm, with POUT set to ≤ 33.0dBm
into 50
Ω load, all phases, RBW=3MHz
Output Load VSWR
Ruggedness
20:1
POUT set to ≤ 33.0dBm into 50Ω load.
No damage or permanent degradation. All phases.
Output Load Impedance
50
Ω
Load impedance presented at Antenna pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com