Electronic Components Datasheet Search
  English  ▼

X  

AM7808 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AM7808 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 11
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
Timing and VRAMP Profile
VRAMP
ENABLE,
SW1
Time Mask
Up-ramp
TX_EN
10 us
10 us
8 us
Time Mask
Down-ramp
10 us
10 us
8 us
0.16V
Less than
0.18V
ENABLE: Set high to enable TXM
SW1: Set low or high depending on Band
RF Input
Power
Figure 1. AM7808 Timing Diagram for VRAMP, TX_EN, SW1 and ENABLE.
Note on Pedestal Voltage: The VRAMP profile should set the pedestal voltage at the nominal value prior to the onset of
the ramp-up to ensure that the output power tracks the VRAMP control voltage. The nominal value has been optimized
to ensure good performance over the entire dynamic power range of the amplifier.
For information of power calibration and VRAMP profiles, see separate application notes.
Note on the Down-Ramp: The trailing edge of the VRAMP waveform should be brought down as low as the TCVR/base
band allows, typically 0.10V before TX_EN, ENABLE and SW1 are set low to minimize spurious emissions from being
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com