Electronic Components Datasheet Search
  English  ▼

X  

AM7808 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 10
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
Electrical Specifications – DCS1800 (cont.)
Specification
Parameter
Min
Typ
Max
Unit
Condition
Overall – PCS1900 Band
Nominal Conditions (unless otherwise stated)
Temperature = 25
°C, VBA T = 3.5V, PIN = 3dBm
Frequency = 1850 MHz to 1910 MHz
12.5% Duty Cycle, Pulse Width = 577µs, TX_EN =
ENABLE= ‘High’, SW1 = ‘High’
Input Port Characteristics
Input Power Range
0
6
dBm
Max output guaranteed at Min drive level
Input Impedance
50
Ω
Input VSWR
2.5:1
POUT = 0dBm to 30.0dBm
PIN ≤ 6dBm
Power Control
Power Control Range
55
60
dB
VRAMP = VRAMP min to VRAMP max
Power Output Variation from
nominal conditions
POUT = 16dBm to 28.5dBm
-2.0
1.5
dB
POUT = 0dBm to 16dBm
-2.5
1.5
dB
PIN = 0 to 6dBm, Temp = -20°C to +85°C
2.7V
≤ V
BAT ≤ 4.5V
Relative to Nominal Output Power Condition:
VBAT=3.5V, HB_IN = 3dBm, f = 1880 MHz
Switch Section
Coupled power POUT to RX1
and RX2 ports
4
6
dBm
POUT=30.0dBm
Insertion Loss ANT to RX1
and RX2
1.3
1.5
dB
Freq=1930 MHz to 1990 MHz, ENABLE=’High’,
TX-ENABLE=’Low”, SW1= ‘Low’ for RX1 and
‘High’ for RX2
Input VSWR ANT-RX1 and
RX2
1.5:1
Freq=1930 MHz to 1990 MHz, ENABLE=’High’,
TX-ENABLE=’Low”, SW1= ‘Low’ for RX1 and
‘High’ for RX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com