Electronic Components Datasheet Search
  English  ▼

X  

AM7808 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM7808
Description  AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM7808 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM7808 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM7808 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev C Preliminary
Amalfi Confidential
Page 1
475 Alberto Way, Ste 200, Los Gatos, CA 95032
• Tel: 408-399-5360 • Fax: 408-399-5362 • www.amalfi.com
Preliminary Device Specification
AM7808
AM7808 High-Efficiency Quad-Band Transmit
Dual-Band Receive GSM/GPRS CMOS TX Module
Assembled in ultra-small form factor:
5.25mm x 5.30mm x 1.0mm LGA package
Robust Operation
• TRP compliant at 3:1 VSWR with ±1 dB
power variation
• Integrated thermal, over-voltage and over-
current protection
• ESD protection on all pins (including RF)
greater than 1500V HBM and 100V MM
• ESD protection up to 8kV on antenna port
Integrated Control and Protection
• V
BAT Operating range 2.7V to 4.5V
• Ultra low power standby mode
Applications
• Quad-Band GSM/GPRS Mobile Handsets
• GSM850/EGSM900/DCS/PCS Products
• GPRS Class 12 Multi-slot Operation
Extended Power Added Efficiency
• 47% PAE EGSM850 at 33.0 dBm
• 47% PAE EGSM900 at 33.0 dBm
• 40% PAE for DCS1800 at 30.0 dBm
• 40% PAE for PCS1900 at 30.0 dBm
• Up to 40% longer talk and data transmit time
than present best in class TXMs due to high
efficiency and ability to operate down to 2.7V
RF Performance
• Less than 0.5dB output power variation across
frequency band
• Ultra low loss RX insertion loss
• Interchangeable RX ports
Product Description
The AM7808 is a complete CMOS high-power, high-
efficiency transmit module for Quad-band GSM/GPRS
mobile handsets. The device is packaged in an ultra
small LGA package (5.25mm x 5.30mm x 1.0mm) using
a BT laminate substrate that is RoHS compliant and lead-
free.
The device’s patent-pending AdaptiveRF™ architecture
has been designed specifically to use standard CMOS
technology to generate high output power at high
efficiency over the phone’s full operational range.
AdaptiveRF™ architecture allows the transmit module to
achieve high efficiency over a broad output power range.
The on-chip regulators are designed to support compliant
operation down to 2.7V to enable additional battery
capacity to be utilized.
In operation, where output power is dynamic and subject
to non-ideal loads, these improvements result in a talk-
time increase of up to 40%.
The integrated antenna switch with its interchangeable
RX ports has low insertion loss improving receive
sensitivity.
Internal 50Ω matching, DC blocking on TX and RX ports
and harmonic filtering on RF terminals eliminate the
need for external components, simplifying layout and
reducing board space.
Advanced digital power control ensures stable, controlled
and repeatable output power over all operating
conditions, and enables simplified calibration. Immunity
to load mismatches and advanced thermal, over-voltage
and low-battery protection ensures robust operation.
Power variation for 3:1 loads is ±1dB. No external
compensation for temperature, frequency or Vbatt is
needed to meet RF performance over various conditions.
All pins of the AM7808 including the RF pins are
protected from ESD pulses greater than 1,500V per the
MIL-STD-883 (Method 3015) specification for Human
Body Model (HBM) and 100V Machine Model (MM) to
help
eliminate
handling-related
yield
loss
in
manufacturing. The AM7808 also integrates an ESD
filter on the antenna port to provide protection to 8kV per
IEC61000-4-2.


Similar Part No. - AM7808

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
AM7000 KEISO-AM7000 Datasheet
4Mb / 27P
METAL TUBE VARIABLE AREA FLOWMETER
Nov 2025
AM7000-SR KEISO-AM7000-SR Datasheet
492Kb / 14P
For foods, beverages, cookingoil, brewing and fi ne chemicals
Jul 2020
logo
Analog Power
AM7000N ANALOGPOWER-AM7000N Datasheet
472Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
P-Channel 200-V (D-S) MOSFET
AM70N03-04D ANALOGPOWER-AM70N03-04D Datasheet
349Kb / 5P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM7808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
Dual and quad-band GSM/GPRS modules
logo
Quectel Wireless Soluti...
M65 QUECTEL-M65 Datasheet
857Kb / 2P
Ultra-small Quad-band GSM/GPRS Module
M66 QUECTEL-M66 Datasheet
1Mb / 2P
Ultra-small Quad-band GSM/GPRS Module
M66-R2.0 QUECTEL-M66-R2.0 Datasheet
836Kb / 2P
Ultra-compact Quad-band GSM/GPRS Module
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
logo
Qorvo, Inc
RF3235 QORVO-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM/GPRS Tx MODULE WITH UMTS TRANSMIT/RECEIVE PORTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com