Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 60Page - ATMEL Corporation ATMEGA48 Datasheet HTML 61Page - ATMEL Corporation ATMEGA48 Datasheet HTML 62Page - ATMEL Corporation ATMEGA48 Datasheet HTML 63Page - ATMEL Corporation ATMEGA48 Datasheet HTML 64Page - ATMEL Corporation ATMEGA48 Datasheet HTML 65Page - ATMEL Corporation ATMEGA48 Datasheet HTML 66Page - ATMEL Corporation ATMEGA48 Datasheet HTML 67Page - ATMEL Corporation ATMEGA48 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 374 page
background image
64
2545J–AVR–12/06
ATmega48/88/168
Address
Labels Code
Comments
;
.org 0x1C00
0x1C00
jmp
RESET
; Reset handler
0x1C02
jmp
EXT_INT0
; IRQ0 Handler
0x1C04
jmp
EXT_INT1
; IRQ1 Handler
...
...
...
;
0x1C32
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
0x1C33
RESET: ldi
r16,high(RAMEND); Main program start
0x1C34
out
SPH,r16
; Set Stack Pointer to top of RAM
0x1C35
ldi
r16,low(RAMEND)
0x1C36
out
SPL,r16
0x1C37
sei
; Enable interrupts
0x1C38
<instr>
xxx
10.4.1
Moving Interrupts Between Application and Boot Space, ATmega88 and ATmega168
The MCU Control Register controls the placement of the Interrupt Vector table.
10.5
Register Description
10.5.1
MCUCR – MCU Control Register
• Bit 1 – IVSEL: Interrupt Vector Select
When the IVSEL bit is cleared (zero), the Interrupt Vectors are placed at the start of the Flash
memory. When this bit is set (one), the Interrupt Vectors are moved to the beginning of the Boot
Loader section of the Flash. The actual address of the start of the Boot Flash Section is deter-
mined by the BOOTSZ Fuses. Refer to the section ”Boot Loader Support – Read-While-Write
Self-Programming, ATmega88 and ATmega168” on page 269 for details. To avoid unintentional
changes of Interrupt Vector tables, a special write procedure must be followed to change the
IVSEL bit:
a.
Write the Interrupt Vector Change Enable (IVCE) bit to one.
b.
Within four cycles, write the desired value to IVSEL while writing a zero to IVCE.
Interrupts will automatically be disabled while this sequence is executed. Interrupts are disabled
in the cycle IVCE is set, and they remain disabled until after the instruction following the write to
IVSEL. If IVSEL is not written, interrupts remain disabled for four cycles. The I-bit in the Status
Register is unaffected by the automatic disabling.
Note:
If Interrupt Vectors are placed in the Boot Loader section and Boot Lock bit BLB02 is programmed,
interrupts are disabled while executing from the Application section. If Interrupt Vectors are placed
in the Application section and Boot Lock bit BLB12 is programed, interrupts are disabled while
executing from the Boot Loader section. Refer to the section ”Boot Loader Support – Read-While-
Write Self-Programming, ATmega88 and ATmega168” on page 269 for details on Boot Lock bits.
This bit is not available in ATmega48.
Bit
76543
210
0x35 (0x55)
–
–
–
PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R
R
R
R/W
R
R
R/W
R/W
Initial Value
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com