Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 53Page - ATMEL Corporation ATMEGA48 Datasheet HTML 54Page - ATMEL Corporation ATMEGA48 Datasheet HTML 55Page - ATMEL Corporation ATMEGA48 Datasheet HTML 56Page - ATMEL Corporation ATMEGA48 Datasheet HTML 57Page - ATMEL Corporation ATMEGA48 Datasheet HTML 58Page - ATMEL Corporation ATMEGA48 Datasheet HTML 59Page - ATMEL Corporation ATMEGA48 Datasheet HTML 60Page - ATMEL Corporation ATMEGA48 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 374 page
background image
57
2545J–AVR–12/06
ATmega48/88/168
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega48 is:
Address
Labels Code
Comments
0x000
rjmp
RESET
; Reset Handler
0x001
rjmp
EXT_INT0
; IRQ0 Handler
0x002
rjmp
EXT_INT1
; IRQ1 Handler
0x003
rjmp
PCINT0
; PCINT0 Handler
0x004
rjmp
PCINT1
; PCINT1 Handler
0x005
rjmp
PCINT2
; PCINT2 Handler
0x006
rjmp
WDT
; Watchdog Timer Handler
0x007
rjmp
TIM2_COMPA
; Timer2 Compare A Handler
0x008
rjmp
TIM2_COMPB
; Timer2 Compare B Handler
0x009
rjmp
TIM2_OVF
; Timer2 Overflow Handler
0x00A
rjmp
TIM1_CAPT
; Timer1 Capture Handler
0x00B
rjmp
TIM1_COMPA
; Timer1 Compare A Handler
0x00C
rjmp
TIM1_COMPB
; Timer1 Compare B Handler
0x00D
rjmp
TIM1_OVF
; Timer1 Overflow Handler
0x00E
rjmp
TIM0_COMPA
; Timer0 Compare A Handler
0x00F
rjmp
TIM0_COMPB
; Timer0 Compare B Handler
0x010
rjmp
TIM0_OVF
; Timer0 Overflow Handler
0x011
rjmp
SPI_STC
; SPI Transfer Complete Handler
0x012
rjmp
USART_RXC
; USART, RX Complete Handler
0x013
rjmp
USART_UDRE
; USART, UDR Empty Handler
0x014
rjmp
USART_TXC
; USART, TX Complete Handler
0x015
rjmp
ADC
; ADC Conversion Complete Handler
0x016
rjmp
EE_RDY
; EEPROM Ready Handler
0x017
rjmp
ANA_COMP
; Analog Comparator Handler
0x018
rjmp
TWI
; 2-wire Serial Interface Handler
0x019
rjmp
SPM_RDY
; Store Program Memory Ready Handler
;
0x01ARESET:
ldi
r16, high(RAMEND); Main program start
0x01B
out
SPH,r16
; Set Stack Pointer to top of RAM
0x01C
ldi
r16, low(RAMEND)
0x01D
out
SPL,r16
0x01E
sei
; Enable interrupts
0x01F
<instr>
xxx
...
...
...
...
22
0x015
ADC
ADC Conversion Complete
23
0x016
EE READY
EEPROM Ready
24
0x017
ANALOG COMP
Analog Comparator
25
0x018
TWI
2-wire Serial Interface
26
0x019
SPM READY
Store Program Memory Ready
Table 10-1.
Reset and Interrupt Vectors in ATmega48 (Continued)
Vector No.
Program Address
Source
Interrupt Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com