Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 52Page - ATMEL Corporation ATMEGA48 Datasheet HTML 53Page - ATMEL Corporation ATMEGA48 Datasheet HTML 54Page - ATMEL Corporation ATMEGA48 Datasheet HTML 55Page - ATMEL Corporation ATMEGA48 Datasheet HTML 56Page - ATMEL Corporation ATMEGA48 Datasheet HTML 57Page - ATMEL Corporation ATMEGA48 Datasheet HTML 58Page - ATMEL Corporation ATMEGA48 Datasheet HTML 59Page - ATMEL Corporation ATMEGA48 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 374 page
background image
56
2545J–AVR–12/06
ATmega48/88/168
10. Interrupts
10.1
Overview
This section describes the specifics of the interrupt handling as performed in ATmega48/88/168.
For a general explanation of the AVR interrupt handling, refer to ”Reset and Interrupt Handling”
on page 15.
The interrupt vectors in ATmega48, ATmega88 and ATmega168 are generally the same, with
the following differences:
• Each Interrupt Vector occupies two instruction words in ATmega168, and one instruction word
in ATmega48 and ATmega88.
• ATmega48 does not have a separate Boot Loader Section. In ATmega88 and ATmega168, the
Reset Vector is affected by the BOOTRST fuse, and the Interrupt Vector start address is
affected by the IVSEL bit in MCUCR.
10.2
Interrupt Vectors in ATmega48
Table 10-1.
Reset and Interrupt Vectors in ATmega48
Vector No.
Program Address
Source
Interrupt Definition
1
0x000
RESET
External Pin, Power-on Reset, Brown-out Reset and Watchdog System Reset
2
0x001
INT0
External Interrupt Request 0
3
0x002
INT1
External Interrupt Request 1
4
0x003
PCINT0
Pin Change Interrupt Request 0
5
0x004
PCINT1
Pin Change Interrupt Request 1
6
0x005
PCINT2
Pin Change Interrupt Request 2
7
0x006
WDT
Watchdog Time-out Interrupt
8
0x007
TIMER2 COMPA
Timer/Counter2 Compare Match A
9
0x008
TIMER2 COMPB
Timer/Counter2 Compare Match B
10
0x009
TIMER2 OVF
Timer/Counter2 Overflow
11
0x00A
TIMER1 CAPT
Timer/Counter1 Capture Event
12
0x00B
TIMER1 COMPA
Timer/Counter1 Compare Match A
13
0x00C
TIMER1 COMPB
Timer/Coutner1 Compare Match B
14
0x00D
TIMER1 OVF
Timer/Counter1 Overflow
15
0x00E
TIMER0 COMPA
Timer/Counter0 Compare Match A
16
0x00F
TIMER0 COMPB
Timer/Counter0 Compare Match B
17
0x010
TIMER0 OVF
Timer/Counter0 Overflow
18
0x011
SPI, STC
SPI Serial Transfer Complete
19
0x012
USART, RX
USART Rx Complete
20
0x013
USART, UDRE
USART, Data Register Empty
21
0x014
USART, TX
USART, Tx Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com