Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 13Page - ATMEL Corporation ATMEGA48 Datasheet HTML 14Page - ATMEL Corporation ATMEGA48 Datasheet HTML 15Page - ATMEL Corporation ATMEGA48 Datasheet HTML 16Page - ATMEL Corporation ATMEGA48 Datasheet HTML 17Page - ATMEL Corporation ATMEGA48 Datasheet HTML 18Page - ATMEL Corporation ATMEGA48 Datasheet HTML 19Page - ATMEL Corporation ATMEGA48 Datasheet HTML 20Page - ATMEL Corporation ATMEGA48 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 374 page
background image
17
2545J–AVR–12/06
ATmega48/88/168
6.
AVR Memories
6.1
Overview
This section describes the different memories in the ATmega48/88/168. The AVR architecture
has two main memory spaces, the Data Memory and the Program Memory space. In addition,
the ATmega48/88/168 features an EEPROM Memory for data storage. All three memory spaces
are linear and regular.
6.2
In-System Reprogrammable Flash Program Memory
The ATmega48/88/168 contains 4/8/16K bytes On-chip In-System Reprogrammable Flash
memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is orga-
nized as 2/4/8K x 16. For software security, the Flash Program memory space is divided into two
sections, Boot Loader Section and Application Program Section in ATmega88 and ATmega168.
ATmega48 does not have separate Boot Loader and Application Program sections, and the
SPM instruction can be executed from the entire Flash. See SELFPRGEN description in section
”SPMCSR – Store Program Memory Control and Status Register” on page 267 and page 283for
more details.
The F lash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega48/88/168 Program Counter (PC) is 11/12/13 bits wide, thus addressing the 2/4/8K pro-
gram memory locations. The operation of Boot Program section and associated Boot Lock bits
for software protection are described in detail in ”Self-Programming the Flash, ATmega48” on
page 262 and ”Boot Loader Support – Read-While-Write Self-Programming, ATmega88 and
ATmega168” on page 269. ”Memory Programming” on page 285 contains a detailed description
on Flash Programming in SPI- or Parallel Programming mode.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in ”Instruction Execution Tim-
ing” on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com