Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 269 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 269 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 265Page - ATMEL Corporation ATMEGA48 Datasheet HTML 266Page - ATMEL Corporation ATMEGA48 Datasheet HTML 267Page - ATMEL Corporation ATMEGA48 Datasheet HTML 268Page - ATMEL Corporation ATMEGA48 Datasheet HTML 269Page - ATMEL Corporation ATMEGA48 Datasheet HTML 270Page - ATMEL Corporation ATMEGA48 Datasheet HTML 271Page - ATMEL Corporation ATMEGA48 Datasheet HTML 272Page - ATMEL Corporation ATMEGA48 Datasheet HTML 273Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 374 page
background image
269
2545J–AVR–12/06
ATmega48/88/168
25. Boot Loader Support – Read-While-Write Self-Programming, ATmega88 and
ATmega168
25.1
Features
• Read-While-Write Self-Programming
• Flexible Boot Memory Size
• High Security (Separate Boot Lock Bits for a Flexible Protection)
• Separate Fuse to Select Reset Vector
• Optimized Page(1) Size
• Code Efficient Algorithm
• Efficient Read-Modify-Write Support
Note:
1. A page is a section in the Flash consisting of several bytes (see Table 26-9 on page 289) used
during programming. The page organization does not affect normal operation.
25.2
Overview
In ATmega88 and ATmega168, the Boot Loader Support provides a real Read-While-Write Self-
Programming mechanism for downloading and uploading program code by the MCU itself. This
feature allows flexible application software updates controlled by the MCU using a Flash-resi-
dent Boot Loader program. The Boot Loader program can use any available data interface and
associated protocol to read code and write (program) that code into the Flash memory, or read
the code from the program memory. The program code within the Boot Loader section has the
capability to write into the entire Flash, including the Boot Loader memory. The Boot Loader can
thus even modify itself, and it can also erase itself from the code if the feature is not needed any-
more. The size of the Boot Loader memory is configurable with fuses and the Boot Loader has
two separate sets of Boot Lock bits which can be set independently. This gives the user a
unique flexibility to select different levels of protection.
25.3
Application and Boot Loader Flash Sections
The Flash memory is organized in two main sections, the Application section and the Boot
Loader section (see Figure 25-2). The size of the different sections is configured by the
BOOTSZ Fuses as shown in Table 25-6 on page 281 and Figure 25-2. These two sections can
have different level of protection since they have different sets of Lock bits.
25.3.1
Application Section
The Application section is the section of the Flash that is used for storing the application code.
The protection level for the Application section can be selected by the application Boot Lock bits
(Boot Lock bits 0), see Table 25-2 on page 273. The Application section can never store any
Boot Loader code since the SPM instruction is disabled when executed from the Application
section.
25.3.2
BLS – Boot Loader Section
While the Application section is used for storing the application code, the The Boot Loader soft-
ware must be located in the BLS since the SPM instruction can initiate a programming when
executing from the BLS only. The SPM instruction can access the entire Flash, including the
BLS itself. The protection level for the Boot Loader section can be selected by the Boot Loader
Lock bits (Boot Lock bits 1), see Table 25-3 on page 273.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com