Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 334 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 334 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 330Page - ATMEL Corporation ATMEGA48 Datasheet HTML 331Page - ATMEL Corporation ATMEGA48 Datasheet HTML 332Page - ATMEL Corporation ATMEGA48 Datasheet HTML 333Page - ATMEL Corporation ATMEGA48 Datasheet HTML 334Page - ATMEL Corporation ATMEGA48 Datasheet HTML 335Page - ATMEL Corporation ATMEGA48 Datasheet HTML 336Page - ATMEL Corporation ATMEGA48 Datasheet HTML 337Page - ATMEL Corporation ATMEGA48 Datasheet HTML 338Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 374 page
background image
334
2545J–AVR–12/06
ATmega48/88/168
Figure 28-35. BOD Thresholds vs. Temperature (BODLEVEL Is 1.8V)
Figure 28-36. Bandgap Voltage vs. V
CC
BOD THRESHOLDS vs. TEMPERATURE
BODLEVEL IS 1.8V
1.76
1.78
1.8
1.82
1.84
1.86
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (C)
Rising Vcc
Falling Vcc
BANDGAP VOLTAGE vs. V CC
-40 C
85 C
1.08
1.085
1.09
1.095
1.1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com