Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 341 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 341 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 337Page - ATMEL Corporation ATMEGA48 Datasheet HTML 338Page - ATMEL Corporation ATMEGA48 Datasheet HTML 339Page - ATMEL Corporation ATMEGA48 Datasheet HTML 340Page - ATMEL Corporation ATMEGA48 Datasheet HTML 341Page - ATMEL Corporation ATMEGA48 Datasheet HTML 342Page - ATMEL Corporation ATMEGA48 Datasheet HTML 343Page - ATMEL Corporation ATMEGA48 Datasheet HTML 344Page - ATMEL Corporation ATMEGA48 Datasheet HTML 345Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 374 page
background image
341
2545J–AVR–12/06
ATmega48/88/168
Figure 28-49. Reset Supply Current vs. V
CC (1 - 24 MHz, Excluding Current through the Reset
Pull-up)
Figure 28-50. Reset Pulse Width vs. V
CC
RESET SUPPLY CURRENT vs. VCC
1 - 24 MHz, EXCLUDING CURRENT THROUGH THE RESET PULL-UP
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
4
8
12
162024
Frequency (MHz)
2.7V
1.8V
3.3V
4.0V
4.5V
5.0V
5.5V
RESET PULSE WIDTH vs. VCC
85 ˚C
25 ˚C
-40 ˚C
0
500
1000
1500
2000
2500
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com